Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 26 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 26 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor S1D2502B01 Datasheet HTML 23Page - Samsung semiconductor S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor S1D2502B01 Datasheet HTML 25Page - Samsung semiconductor S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor S1D2502B01 Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
25
Preliminary
Frame Control
Registers — 0
(Row 15,
Column 00)
BliT
(Bit 0)
Blink time control
If this bit is '1', blink time is 0.5sec, and if not, 1sec.
Bli1, Bli0
(Bit 2 — 1)
Blinking duty control
As the font blinks, there is a time when it is visible and invisible on screen.
Blinking duty is the ratio of the invisible time to the visible time, and is
decided by the combination of these two bits. In other words, blinking duty
is the length of time the font is shown on screen.
ScrT
(Bit 3)
Scroll time control
If this bit is '1', scroll time is 0.5sec, and if not, 1sec.
Scrl
(Bit 4)
Scroll enable
Scrolling effect is controlled by this bit. If this bit is ‘1’, scrolling effect is
enabled. You must remember that scrolling can be turned on/off only when
OSD is enabled/disabled.
EN
(Bit 5)
OSD enable
OSD is enabled when this bit is '1'. In other words, if this bit isn't '1'OSD is
not output inspite of writing control data. We recommend that you enable
the OSD after setting the control registers (such as the character & attribute
register) because of video and OSD output timing.
Erase
(Bit 6)
RAM erasing
If this bit is '1', the RAM data (character & attribute registers and row
attribute registers) is erased. The time spent in carrying out this operation is
called erasing time, which can be calculated as follows.
Therefore, the maximum erasing time value is:
Table 11. Register Description (Continued)
Registers
Bits
Description
Bli1
Bli0
Blinking Duty
0
0
Blink Off
0
1
Duty 25%
1
0
Duty 50%
1
1
Duty 75%
Erasing time = RAM clock
× 480 (RAM cell no.)
RAM clock = 12 dot clock
Dot clock = 1/(dot frequency)
Dot frequency = Horizontal frequency
× resolution (mode)
(Erasing Time)MAX = (12 × 480) / (15k × 320) = 1.2ms


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com