Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 21Page - Samsung semiconductor S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor S1D2502B01 Datasheet HTML 23Page - Samsung semiconductor S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor S1D2502B01 Datasheet HTML 25Page - Samsung semiconductor S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor S1D2502B01 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
24
Preliminary
Row Attribute
Registers
(Row00 — 14,
Column30)
RB, RG, RR
(Bit 8 — 6)
Raster color is determined by these bits
The raster color is chosen from out of 16 colors using these 3 bits and the
row attribute register's 'RINT' bit. If 'BOXE' Bit is not '1', the setting of these
three bits have no meaning. Refer to 'BOXE' bit shown below.
SHA
Character shadowing
Character shadowing feature is carried out if you set this bit to '1'.
BORD
Character bordering
Character bordering feature is carried out if you set this bit to '1'.
BOXE
(Bit B)
BOX enable
If you set this bit to '1', it uses the character & attribute register's 'BINV',
'BOX1', and 'BOX0' bits to carry out box drawing, and if you set it to '0', the
character & attribute register's bits F~D (BINV, BOX1, BOX0) act as each
raster color's B, G, and R. This has higher priority than selection by setting
RB, RG, and RR bits. In other words, if the BOXE bit is set to '0', the
character & attribute register's BINV, BOX1, and BOX0 each do the
function of RB, RG, and RR to decide the raster color, and the original row
attribute register's RB, RG, and RR don't do anything.
CBli
(Bit C)
Color blink enable
If this bit is '1', the color blinking effect is applied. Color blinking is instead
of normal blinking, 8 colors appear in order in the font's character part. Its
time and duty is controlled by 'BliT', 'Bli1', and 'Bli0', like in character
blinking.
INTE
(Bit D)
Intensity enable
Refer to the table on the combination of BLINK/FINT, INTE, RINT, and
CINT bits in the explanation of the character & attribute register's BLINK/
FINT bit.
BREN
(Bit E)
Back raster enable
If the BREN bit is '1' and the raster color is black, the raster is transparent.
That is, the video back raster is shown. If not, the OSD raster covers the
video's back raster. Refer to other color effect.
Bit F
Reserved
Table 11. Register Description (Continued)
Registers
Bits
Description


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com