Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 24 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 20Page - Samsung semiconductor S1D2502B01 Datasheet HTML 21Page - Samsung semiconductor S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor S1D2502B01 Datasheet HTML 23Page - Samsung semiconductor S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor S1D2502B01 Datasheet HTML 25Page - Samsung semiconductor S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor S1D2502B01 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
23
Preliminary
Row Attribute
Registers
(Row00— 14,
Column30)
VZ1, VZ0
(Bit 1, 0)
Vertical character size control
As shown above, the vertical character size is decided by using these two
bits in combination.
HZ1, HZ0
(Bit 3, 2)
Horizontal character size control
As shown above, the horizontal character size is decided by using these
two bits in combination. However, unlike VZ, the surrounding area (row) is
taken over in the amount of the HZ increase, so you must keep that in mind
when changing font size. Refer to Character Size.
CINT
(Bit 4)
Character color intensity
When this bit is set to '1', the color intensity of the character on the same
row becomes high. Refer to BLINK/FINT, INTE, RINT, and CINT's
combination chart in the previous page. (Even if you change this bit, you
can't check the intensity feature on the demo board. This is because the
OSD IC's output INT is applied as the video Pre Amp's input, and the demo
board doesn't apply the OSD IC's INT output to the Pre Amp.)
RINT
(Bit 5)
Raster color intensity
When this bit is set to '1', the color intensity of the raster on the same row
becomes high. Refer to BLINK/FINT, INTE, RINT, and CINT's combination
chart in the previous page. (Like CINT given above, you can't check RINT's
feature on the demo board.)
Table 11. Register Description (Continued)
Registers
Bits
Description
VZ1
VZ0
Vertical Character Size
0
0
1X (1 time)
0
1
2X (2 times)
1
0
3X (3 times)
1
1
4X (4 times)
HZ1
HZ0
Horizontal Character Size
0
0
1X (1 time)
0
1
2X (2 times)
1
0
3X (3 times)
1
1
4X (4 times)


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com