Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 23 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 19Page - Samsung semiconductor S1D2502B01 Datasheet HTML 20Page - Samsung semiconductor S1D2502B01 Datasheet HTML 21Page - Samsung semiconductor S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor S1D2502B01 Datasheet HTML 23Page - Samsung semiconductor S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor S1D2502B01 Datasheet HTML 25Page - Samsung semiconductor S1D2502B01 Datasheet HTML 26Page - Samsung semiconductor S1D2502B01 Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
22
Preliminary
Table 11. Register Description
Registers
Bits
Description
Character &
Attribute Registers
(Row 00 — 14,
Column 00 — 29)
C8 — C0
(Bit 8 — 0)
Character code address
This is the address of 448 ROM fonts.
Blink/FINT
(Bit 9)
Character blinking/font intensity
If row attribute register's INTE bit is set to '1', this bit carries out the font
intensity feature, and if not, the character blinking feature instead. In other
words, to carry out character blinking, set the INTE bit to '0'. Select frame
control register-0's BliT bit as blinking time, and select Bli1, Bli0 Bit as
blinking duty. When giving intensity in units of font, refer to the table below.
B, G, R
(Bit C — A)
Character color
The character color is chosen from 16 colors using these 3 bits and the row
attribute register's CINT bit.
BOX1, BOX0
(Bit E, D)
Character box drawing
You can make 4 box drawing modes using these 2 bits in combination. The
box drawings possible with font 'A' are shown below.
Refer to row attribute register's 'BOXE' bit.
BINV
(Bit F)
Box inversion
The white box turns black and black box turns white in the box drawing
using BOX1, BOX0.
Blink/FINT
INTE
RINT
CINT
Function
0
0
-
-
Normal
0
1
-
-
Normal
1
0
-
-
Blink
1
1
0
1
Character intensity
1
1
1
0
Raster intensity
1
1
1
1
Character & raster intensity
BOX0
BOX1
A
A
A
o
1
0
1
BOX OFF


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com