Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 20 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 16Page - Samsung semiconductor S1D2502B01 Datasheet HTML 17Page - Samsung semiconductor S1D2502B01 Datasheet HTML 18Page - Samsung semiconductor S1D2502B01 Datasheet HTML 19Page - Samsung semiconductor S1D2502B01 Datasheet HTML 20Page - Samsung semiconductor S1D2502B01 Datasheet HTML 21Page - Samsung semiconductor S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor S1D2502B01 Datasheet HTML 23Page - Samsung semiconductor S1D2502B01 Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
19
Preliminary
MEMORY MAP
The display RAM's address of the row and column number are assigned in order. The display RAM is composed of
4 register groups (character & attribute register, row attribute register, frame control register, and V-AMP control
register).
The display area in the monitor screen is 30 column
× 15 row, so the related character & attribute registers are also
30 column
× 15 row. Each register has a character address and characteristics corresponding to the display
location on the screen, and one register is composed of 16 bits. The lower 9 bits select the font from the 448 ROM
fonts, and the upper 7 bits give font characteristics to the selected font.
The row attribute register takes up the display RAM's 31st column. It provides raster color, raster color intensity,
character color intensity, horizontal & vertical character size, box, border, and shadow features in units of row.
The frame control registers are in the 16th row. It controls OSD's display location, character height, scroll, and
fade-in/out in units of frame.
The V-AMP control registers are also located in the 16th row.
Figure 9. Memory Map of Display Registers
00 01 02 03
06
00 01
00
01
02
13
14
12
27 28 29
Character & Attribute Registers
(30 x15 Character Display)
Frame Control
Registers
V-AMP Control Registers
30
Row Attribute
Registers
15
04 05
08
07
0910 11 12 13 14 15 16
V-AMP Test Registers
Row
Row
Row
Test Registers
31
Row
Row
Row


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com