Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 14Page - Samsung semiconductor S1D2502B01 Datasheet HTML 15Page - Samsung semiconductor S1D2502B01 Datasheet HTML 16Page - Samsung semiconductor S1D2502B01 Datasheet HTML 17Page - Samsung semiconductor S1D2502B01 Datasheet HTML 18Page - Samsung semiconductor S1D2502B01 Datasheet HTML 19Page - Samsung semiconductor S1D2502B01 Datasheet HTML 20Page - Samsung semiconductor S1D2502B01 Datasheet HTML 21Page - Samsung semiconductor S1D2502B01 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
17
Preliminary
FUNCTIONAL DESCRIPTIONS
DATA TRANSMISSION
The interface between S1D2502B01 and MCU follows the I2C protocol. After the starting pulse, the transmission
takes place in the following order: Slave address with R/W bit, 2-byte register address, 2-byte data, and stop
condition. an acknowledge signal is received for each byte, excluding only the start/stop condition. The 2-byte
register address is composed of an 8-bit row address, and an 8-bit column address. The order of transmission for
a 2-byte register address is 'Row address
→ Column address'. The 2 bytes of data is because S1D2502B01 has a
16-bit base register configuration. S1D2502B01's slave address is BAh. It is BBh in read mode, and BAh in write
mode.
Address Bit Pattern for Display Registers Data
(a) row address bit pattern
R3 - R0: Valid data for row address
(b) Column address bit pattern
C4 - C0: Valid data for column address
X:Don't care bit
Data Transmission Format
A15
A14
A13
A12
A11
A10
A9
A8
X
X
X
X
R3
R2
R1
R0
A7
A6
A5
A4
A3
A2
A1
A0
X
X
X
C4
C3
C2
C1
C0
Figure 5. Data Transmission Format at Writing Operation
Figure 6. Data Transmission Format at Reading Operation
Start
→ Slave address → ACK → Row address → ACK → Column address → ACK
Data byte N
→ ACK → Data byte N+1 → ACK → Stop
Start
→ Slave address → ACK → Row address → ACK → Column address → ACK → Stop
Start
→ Slave address → ACK → Data byte N → ACK → Data byte N+1 → ACK → Stop


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com