Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 12Page - Samsung semiconductor S1D2502B01 Datasheet HTML 13Page - Samsung semiconductor S1D2502B01 Datasheet HTML 14Page - Samsung semiconductor S1D2502B01 Datasheet HTML 15Page - Samsung semiconductor S1D2502B01 Datasheet HTML 16Page - Samsung semiconductor S1D2502B01 Datasheet HTML 17Page - Samsung semiconductor S1D2502B01 Datasheet HTML 18Page - Samsung semiconductor S1D2502B01 Datasheet HTML 19Page - Samsung semiconductor S1D2502B01 Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
15
Preliminary
TEST SIGNAL FORMAT
S1, S2 signal’s low level must be synchronized with the S3 signal’s sync. term.
The input signal level uses the IC pin as reference.
Table 10. Test Signal Format
Signal
Name
Input Signal Formal
Signal Description
S1
Video gain measurement
Video = 1MHz/0.7Vpp
Sync = 50kHz
S2
Video Tr/Tf measurement
f = 200kHz
V = 0.7Vpp
Duty = 50%
S3
HFLB (posi & nega.) input
f = 50kHz
t = 2uS
V = 0V/5V
S4
OSD level measurement
Blank Tr/Tf measurement
f = 50kHz
V = 0V/5V
S5
Crosstalk test
Bandwidth measurement
1MHz/10MHz/50MHz/
130MHz
Vref = input clamp voltage
Vi = 0.7Vpp
Sync
[V]
4uS
[t]
Video
[V]
[t]
Vpp
0.7
f = 200kHz
Duty = 50%
[t]
t = 2uS
[V]
f = 50kHz
0V
5V
[V]
[t]
f = 200kHz
Duty = 50%
[V]
[t]
Vref
[V]
Vi


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
OSD PROCESSOR FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com