Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 10Page - Samsung semiconductor S1D2502B01 Datasheet HTML 11Page - Samsung semiconductor S1D2502B01 Datasheet HTML 12Page - Samsung semiconductor S1D2502B01 Datasheet HTML 13Page - Samsung semiconductor S1D2502B01 Datasheet HTML 14Page - Samsung semiconductor S1D2502B01 Datasheet HTML 15Page - Samsung semiconductor S1D2502B01 Datasheet HTML 16Page - Samsung semiconductor S1D2502B01 Datasheet HTML 17Page - Samsung semiconductor S1D2502B01 Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
13
Preliminary
OSD PART ELECTRICAL CHARACTERISTICS
OSD PART DC ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
DDA = VDD = 5V)
Table 9. OSD Part DC Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VDD
4.75
5.00
5.25
V
Supply current
(no load on any output)
IDD
-
-
25
mA
Input voltage
VIH
0.8VDD
-
-
V
VIL
-
-
VSS + 0.4
V
Output voltage
(lout =
±1mA)
VOH
0.8VDD
-
-
V
VOL
-
-
VSS + 0.4
V
Input leakage current
IIL
-10
-
10
µA
VCO input voltage
VVCO
2.5
V


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
OSD PROCESSOR FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com