Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1D2502B01 Datasheet HTML 1Page - Samsung semiconductor S1D2502B01 Datasheet HTML 2Page - Samsung semiconductor S1D2502B01 Datasheet HTML 3Page - Samsung semiconductor S1D2502B01 Datasheet HTML 4Page - Samsung semiconductor S1D2502B01 Datasheet HTML 5Page - Samsung semiconductor S1D2502B01 Datasheet HTML 6Page - Samsung semiconductor S1D2502B01 Datasheet HTML 7Page - Samsung semiconductor S1D2502B01 Datasheet HTML 8Page - Samsung semiconductor S1D2502B01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
0
Preliminary
VIDEO AMP MERGED OSD PROCESSOR
The S1D2502B01 is a very high frequency video amplifier
& wide range OSD processor 1 chip system with I2C Bus
control used in monitors. It contains 3 matched R/G/B video
amplifiers with OSD processor and provides
flexible
interfacing to I2C Bus controlled adjustment systems.
FUNCTIONS
R/G/B video amplifier
OSD processor
I2C bus control
Cut-off brightness control
R/G/B sub contrast/cut-off control
Half tone
FEATURES
VIDEO AMP PART
3-channel R/G/B video amplifier, 175MHz @f-3dB
I2C bus control items
Contrast control: -38dB
Sub contrast control for each channel: -12dB
Brightness control
OSD contrast control: -38dB
Cut-off brightness control (AC coupling)
Cut-off control for each channel (AC coupling)
Switch registers for SBLK and video half tone and
CLP/BLK polarity selection and INT/EXT CLP selection
and generated CLP width control
Built in ABL (automatic beam limitation)
Built in video input clamp, BRT clamp
Built in video half tone (3mode) function on OSD
pictures
Capable of 8.0Vp-p output swing
Improvement of rise & fall time (2.2ns)
Cut-off brightness control
Built in blank gate with spot killer
Clamp pulse generator
OSD intensity
BLK, CLP polarity selection
Clamp gate with anti OSD sagging
32-DIP-600A
ORDERING INFORMATION
Device
Package
Operating Temperature
S1D2502B01-D0B0
32-DIP-600A
-20
°C — +75°C
OSD PART
Built in 1K-byte SRAM
448 ROM fonts (each font consists of 12
× 18
dots.)
Full screen memory architecture
Wide range PLL available (15kHz 90kHz,
Reference 800 X 600)
Programmable vertical height of character
Programmable vertical and horizontal
positioning
Character color selection up to 16 different
colors
Programmable background color (up to 16
colors)
Character blinking, bordering and shadowing
Color blinking
Character scrolling
Fade-in and fade-out
Box drawing
Character sizing up to four times
72MHz pixel frequency from on-chip PLL
(Reference 800 X 600)


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com