Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 5Page - Samsung semiconductor S1D2502B01 Datasheet HTML 6Page - Samsung semiconductor S1D2502B01 Datasheet HTML 7Page - Samsung semiconductor S1D2502B01 Datasheet HTML 8Page - Samsung semiconductor S1D2502B01 Datasheet HTML 9Page - Samsung semiconductor S1D2502B01 Datasheet HTML 10Page - Samsung semiconductor S1D2502B01 Datasheet HTML 11Page - Samsung semiconductor S1D2502B01 Datasheet HTML 12Page - Samsung semiconductor S1D2502B01 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
8
Preliminary
ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(Tamb = 25
°C, V
CC = 12V, VDD = VDDA = 5V, ABL input voltage = 5V, HFLB input signal = S3, load resistors =
470
Ω, except OSD part current 35mA, unless otherwise stated)
Table 5. DC Electrical Characteristics
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Supply current
ICC
(see 4)
100
125
130
mA
Minimum supply current
ICC min
VCC = 11.4V
95
110
120
mA
Maximum supply current
ICC max
VCC = 12.6V
105
130
140
mA
ABS supply current
ICC abs
VCC = 13.2V
-
-
175
mA
Video input bias voltage
V bias
1.8
2.1
2.4
V
Video black level voltage (POR)
V blackpor
1.20
1.50
1.80
V
Black level voltage channel difference (POR)
∆ V blackpor
(see 5)
∆ 10
-
-
%
Video black level voltage (FFH)
V blackff
04 = FFH (see 13)
2.2
2.7
3.2
V
Black level voltage channel difference (FFH)
∆ V blackff
∆ 10
-
-
%
Video black level voltage (00H)
V black00
04 = 00H
-
0.2
0.5
V
Black level voltage channel difference (00H)
∆ V black00
∆ 10
-
-
%
Spot killer voltage
Vspot
VCC = Var.
9.20
10.4
11.2
V
Cut-off current (FFH)
ICTff
Pin25, 26, 27 = 12V
09
0B: FFH
0C: 00H
500
625
750
µA
Cut-off current (00H)
ICT00
Pin25, 26, 27 = 12V
09
0C: 00H
-
2.0
5.0
µA
Cut-off brightness current (FFH)
ICTBRTff
Pin25, 26, 27 = 12V
09
0B: 00H
0C: FFH
100
180
260
µA
Cut-off brightness current (80H)
ICTBRT80
Pin25, 26, 27 = 12V
09
0B: 00H
0C: 80H
50
90
130
µA
Cut-off offset current 1
ICS1
Pin25, 26, 27 = 12V
09
0C: 00H
0E: 11H
25
50
75
µA


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com