Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 51 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 51 Page - Samsung semiconductor

Back Button S1D2502B01 Datasheet HTML 47Page - Samsung semiconductor S1D2502B01 Datasheet HTML 48Page - Samsung semiconductor S1D2502B01 Datasheet HTML 49Page - Samsung semiconductor S1D2502B01 Datasheet HTML 50Page - Samsung semiconductor S1D2502B01 Datasheet HTML 51Page - Samsung semiconductor S1D2502B01 Datasheet HTML 52Page - Samsung semiconductor S1D2502B01 Datasheet HTML 53Page - Samsung semiconductor S1D2502B01 Datasheet HTML 54Page - Samsung semiconductor S1D2502B01 Datasheet HTML 55Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
S1D2502B01
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
50
Preliminary
PLL Control Bit
After configuring an external circuit using the recommended values, carry out programming using the
recommended values for frequency range and control bits given in the Table below.
(Ref: 800
× 600, C1: 562, R1: 5.6K, R2: 27K, R3: 30M)
Locking Range
As you can see the figure below, it is 2.35V that measured voltage at pin-3 to optimize OSD quality. The proper
voltage range is 1.5 ~ 3.25V.
Table 15. Recommend Values of PLL Control Bit
Register Set
PLL Control Bit
Freq. Range
CP1
CP0
FPLL
HF2
HF1
HF0
DOT1
DOT0
Hex
Below 40kHz
0
0
0
0
1
0
1
1
0B
40 - 50kHz
1
0
0
1
0
0
1
1
93
50 - 70kHz
1
0
0
1
0
1
1
1
97
Above 70kHz
1
0
0
1
1
1
1
1
9F
Figure 25. Locking Range
1.625V
fmax
f0
-2¥ð
1.625V
2¥ð
fL
fC
Locking Range
Ve (min)
Ve (max)
0.75V
1.5V
2.37V
3.25V
4V


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com