Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2502B01 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1D2502B01
Description  VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2502B01 Datasheet(HTML) 4 Page - Samsung semiconductor

  S1D2502B01 Datasheet HTML 1Page - Samsung semiconductor S1D2502B01 Datasheet HTML 2Page - Samsung semiconductor S1D2502B01 Datasheet HTML 3Page - Samsung semiconductor S1D2502B01 Datasheet HTML 4Page - Samsung semiconductor S1D2502B01 Datasheet HTML 5Page - Samsung semiconductor S1D2502B01 Datasheet HTML 6Page - Samsung semiconductor S1D2502B01 Datasheet HTML 7Page - Samsung semiconductor S1D2502B01 Datasheet HTML 8Page - Samsung semiconductor S1D2502B01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01
3
Preliminary
Table 1. Pin Configuration
Pin No.
Symbol
I/O
Configuration
1
VFLB
I
Vertical flyback signal
2
VSSA
-
Ground (PLL part)
3
VCO_IN_P
I
This voltage is generated at the external loop filter and goes into the
input stage of the VCO.
4
VREF1
O
Charge pump output
5
VREF
O
PLL regulator filter
6
VDDA
-
+5V supply voltage for PLL part
7
CONT_CAP
-
Contrast control for AMP part
8
ABL
-
Auto beam limit.
9
GND3
-
Ground for video AMP part(for AMP control)
10
CLP_IN
-
Video clamp pulse input
11
VCC3
-
+12V supply voltage for video AMP part(for AMP control)
12
RIN
I
Video signal input (red)
13
VCC1
-
+12V supply voltage for video AMP(for main video signal process)
14
GIN
I
Video signal input (green)
15
GND1
-
Ground for video AMP part(for main video signal process)
16
BIN
I
Video signal input (blue)
17
BCLP
-
B output clamp cap
18
BOUT
O
Video signal output (blue)
19
GND2
-
Ground for video AMP part(for video output drive)
20
GCLP
-
G output clamp cap
21
GOUT
O
Video signal output (green)
22
VCC2
-
+12V supply voltage for video AMP part(for video output drive)
23
RCLP
-
R output clamp cap
24
ROUT
O
Video signal output (red)
25
BCT
-
B cut-off output
26
GCT
-
G cut-off output
27
RCT
-
R cut-off output
28
VSS
-
Ground for digital part
29
SCL
I
Serial clock (I2C)
30
SDA
I/O
Serial data (I2C)
31
VDD
-
+5V supply voltage for digital part
32
HFLB
I
Horizontal flyback signal


Similar Part No. - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2502B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
S5D2501F SAMSUNG-S5D2501F Datasheet
394Kb / 23P
   OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com