Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0501X01 Datasheet(PDF) 16 Page - Samsung semiconductor

Part # S1A0501X01
Description  DIGITAL CONTROLLED AUDIO PROCESSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0501X01 Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button S1A0501X01 Datasheet HTML 10Page - Samsung semiconductor S1A0501X01 Datasheet HTML 11Page - Samsung semiconductor S1A0501X01 Datasheet HTML 12Page - Samsung semiconductor S1A0501X01 Datasheet HTML 13Page - Samsung semiconductor S1A0501X01 Datasheet HTML 14Page - Samsung semiconductor S1A0501X01 Datasheet HTML 15Page - Samsung semiconductor S1A0501X01 Datasheet HTML 16Page - Samsung semiconductor S1A0501X01 Datasheet HTML 17Page - Samsung semiconductor S1A0501X01 Datasheet HTML 18Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
S1A0501X01
DIGITAL CONTROLLED AUDIO PROCESSOR
16
APPLICATION CIRCUIT 2
MODE II : 3 INPUTS - 1 OUTPUT W/ EXT.EQUIPMENT
Cf> Let the microprocessor set ‘SEQ’ signal to 0, if an external device is an audio-signal controlled processor such
as a graphic equalizer.
0.0027uF
0.47uF
VCC
2.2uF
0.0027uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
0.47uF
2.2uF
0.1uF
0.1uF
5.6K
0.1uF
0.1uF
5.6K
4.7uF
4.7uF
4.7uF
4.7uF
1.0uF
MICOM
Control Data
100uF
0.1uF
VDD
100k
100k
0.1uF
+
+
+
+
+
+
+
+
+
+
VO(RR)
VO(LF)
10uF
10uF
CREF
VCC
AGND
LTC
RSRCOUT
RVOLC
RIN3
RIN2
RIN1
LVOLC
LIN3
LIN2
RTC
RVOLIN
LIN1
DGND
LFO
RRO
RBC1
RBC2
LBC1
LBC2
LSRCOUT
LVOLIN
LRO
RFO
SCL
DREF
STB
1
2
3
4
7
8
9
10
11
12
13
14
5
6
15
32
31
30
29
26
25
24
23
22
21
20
19
28
27
18
SDA
OCC1
OCC2
16
17
+
+
RIN3
RIN2
+
RIN1
LIN3
LIN2
LIN1
+
VO(RF)
VO(LR)
EXTERNAL
EQUIPMENT
EXTERNAL
EQUIPMENT
+
+
+
2.2uF


Similar Part No. - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1A05000 ETC-S1A05000 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
COSMO Electronics Corp...
S1A050000 COSMO-S1A050000 Datasheet
142Kb / 1P
   Reed Relay
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
COSMO Electronics Corp...
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Picker Components
S1A050099 PICKER-S1A050099 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
More results

Similar Description - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
November 1999
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7339 STMICROELECTRONICS-TDA7339 Datasheet
81Kb / 12P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
July 1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
TDA7319 STMICROELECTRONICS-TDA7319 Datasheet
169Kb / 16P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
May 1995
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
   Digital controlled stereo audio processor with loudness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com