Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0501X01 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # S1A0501X01
Description  DIGITAL CONTROLLED AUDIO PROCESSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0501X01 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button S1A0501X01 Datasheet HTML 8Page - Samsung semiconductor S1A0501X01 Datasheet HTML 9Page - Samsung semiconductor S1A0501X01 Datasheet HTML 10Page - Samsung semiconductor S1A0501X01 Datasheet HTML 11Page - Samsung semiconductor S1A0501X01 Datasheet HTML 12Page - Samsung semiconductor S1A0501X01 Datasheet HTML 13Page - Samsung semiconductor S1A0501X01 Datasheet HTML 14Page - Samsung semiconductor S1A0501X01 Datasheet HTML 15Page - Samsung semiconductor S1A0501X01 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
S1A0501X01
DIGITAL CONTROLLED AUDIO PROCESSOR
12
SERIAL BUS INTERFACE PROTOCOL - THE GENERAL CASE
Timing Diagram of General MICOM Interface Bus Protocol
General MICOM Interface Bus Byte Format Of S1A0501X01
Chip Select Code
=
Same As I2C Bus Slave Address ( 1000000
× B )
X
=
Don't Care Bit (Not Used Bit)
Function Code
=
Transferred Data1 ( assigning Function )
DATA
=
Transferred Data2 ( assigning Operation )
STB Signal 'LOW'
=
Chip Not Selected.
STB Signal 'HIGH'
=
Chip Selected.
♣ Allowed Strobe Pulse Width (Maximum) ≤ 6.0ms
Bit Stream
1 - 7
8
9 - 16
17 - 24
Meanings
Chip Select Code
Function Code
DATA
1
2
3
SCL
SDA
22
23
24
STB


Similar Part No. - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1A05000 ETC-S1A05000 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
COSMO Electronics Corp...
S1A050000 COSMO-S1A050000 Datasheet
142Kb / 1P
   Reed Relay
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
COSMO Electronics Corp...
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Picker Components
S1A050099 PICKER-S1A050099 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
More results

Similar Description - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
November 1999
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7339 STMICROELECTRONICS-TDA7339 Datasheet
81Kb / 12P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
July 1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
TDA7319 STMICROELECTRONICS-TDA7319 Datasheet
169Kb / 16P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
May 1995
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
   Digital controlled stereo audio processor with loudness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com