Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0501X01 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A0501X01
Description  DIGITAL CONTROLLED AUDIO PROCESSOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0501X01 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A0501X01 Datasheet HTML 1Page - Samsung semiconductor S1A0501X01 Datasheet HTML 2Page - Samsung semiconductor S1A0501X01 Datasheet HTML 3Page - Samsung semiconductor S1A0501X01 Datasheet HTML 4Page - Samsung semiconductor S1A0501X01 Datasheet HTML 5Page - Samsung semiconductor S1A0501X01 Datasheet HTML 6Page - Samsung semiconductor S1A0501X01 Datasheet HTML 7Page - Samsung semiconductor S1A0501X01 Datasheet HTML 8Page - Samsung semiconductor S1A0501X01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DIGITAL CONTROLLED AUDIO PROCESSOR
S1A0501X01
1
GENERAL DESCRIPTION
The S1A0501X01 is an audio processor for volume/tone/fader
control, which is suitable for car radios or Hi-Fi system. It has a
built-in trimmer for user to set a source level. R/L rear output is
changable to input in the case of a home audio system for user
conveniency, an external equalizer or a noise reduction circuit
is selectable.
When the S1A0501X01 is used with some sound-effect equip-
ment such as graphic equalizer, the internal tone control block
of S1A0501X01 can be bypassed for decreasing redundancy.
All selections and function controls are designed to be con-
trolled by an I2C-bus protocol or a general microprocessor
interface protocol.
FEATURES
3-Input multiplexing
Source Level trimmer (selectable input level)
Volume control in 0.6dB step
Tone control (internal bass/treble function block with external components)
Source out / volume in (enable ext.graphic eq./ noise reduction equipment)
Loudness / mute
Fader control ( separated for balance )
All functions are programmable / controllable via serial I2C bus
or general Micom interface protocol.
ORDERING INFORMATION
Device
Package
Operating Temperature
S1A0501X01-S0B0
32
−SOP−450B
−25°C - +75°C
32
−SOP−450B
#1


Similar Part No. - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1A05000 ETC-S1A05000 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
COSMO Electronics Corp...
S1A050000 COSMO-S1A050000 Datasheet
142Kb / 1P
   Reed Relay
logo
Picker Components
S1A050000 PICKER-S1A050000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
COSMO Electronics Corp...
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
   Reed Relay
logo
Picker Components
S1A050099 PICKER-S1A050099 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
More results

Similar Description - S1A0501X01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
November 1999
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7339 STMICROELECTRONICS-TDA7339 Datasheet
81Kb / 12P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
July 1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
   DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
TDA7319 STMICROELECTRONICS-TDA7319 Datasheet
169Kb / 16P
   3 BAND DIGITAL CONTROLLED AUDIO PROCESSOR
May 1995
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
Silan Microelectronics ...
SC7313 SILAN-SC7313 Datasheet
150Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
logo
STMicroelectronics
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
   Digital controlled stereo audio processor with loudness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com