Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50660-9001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50660-9001
Description  1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50660-9001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50660-9001 Datasheet HTML 1Page - Molex Electronics Ltd. 50660-9001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0506609001
Status:
Active
Description:
1.00mm (.040") Crimp Pin Terminal, Pre-Tinned Brass
Documents:
Drawing (PDF)
Product Specification PS-104000-001 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
50660
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-104000-001
Sales Drawing
SD-50660-9***
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50660Series
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50660-9001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5066010 PHOENIX-5066010 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
5066023 PHOENIX-5066023 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
5066052 PHOENIX-5066052 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
5066065 PHOENIX-5066065 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com