Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0472711008 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0472711008
Description  Upper Inner Shell for DisplayPort Cable Plug, Nickel overall plating, with Latch Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0472711008 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0472711008 Datasheet HTML 1Page - Molex Electronics Ltd. 0472711008 Datasheet HTML 2Page - Molex Electronics Ltd. 0472711008 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0472711008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472711004 MOLEX6-0472711004 Datasheet
145Kb / 3P
   Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
0472711009 MOLEX6-0472711009 Datasheet
75Kb / 2P
   Lower Inner Shell for DisplayPort* Cable Plug, Nickel overall plating
More results

Similar Description - 0472711008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472713008 MOLEX6-0472713008 Datasheet
115Kb / 3P
   Upper Inner Shell for DisplayPort* Cable Plug, Nickel overall plating, without Latch holes
0472711009 MOLEX6-0472711009 Datasheet
75Kb / 2P
   Lower Inner Shell for DisplayPort* Cable Plug, Nickel overall plating
logo
Japan Aviation Electron...
716T001D00 JAE-716T001D00 Datasheet
121Kb / 1P
   SHELL NICKEL PLATING
716H001D13 JAE-716H001D13 Datasheet
126Kb / 1P
   SHELL NICKEL PLATING
logo
Molex Electronics Ltd.
0472711004 MOLEX6-0472711004 Datasheet
145Kb / 3P
   Fixed Upper Cover for DisplayPort Cable Plug, Black, UL94V-0
0472710004 MOLEX6-0472710004 Datasheet
145Kb / 3P
   Compressible Upper Cover for DisplayPort* Cable Plug, Black, UL94V- 0
0472711016 MOLEX6-0472711016 Datasheet
107Kb / 3P
   DisplayPort Latch
0472712016 MOLEX6-0472712016 Datasheet
106Kb / 3P
   DisplayPort Latch
0472710011 MOLEX6-0472710011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort* Plug Sub-assembly, with Latch
0687830080 MOLEX10-0687830080_V01 Datasheet
41Kb / 1P
   DisplayPort Male-to-DisplayPort Male Cable Assembly, Version 1.3 with Latch, 3.0m Length, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com