Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0475070001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0475070001
Description  2.00mm (.079") Pitch Battery Connector with side Fitting Nails, SMT, Contact Width 0.70mm (.028")
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0475070001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0475070001 Datasheet HTML 1Page - Molex Electronics Ltd. 0475070001 Datasheet HTML 2Page - Molex Electronics Ltd. 0475070001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475070001
Status:
Active
Overview:
battery_connectors
Description:
2.00mm (.079") Pitch Battery Connector with side Fitting Nails, SMT, Contact Width
0.70mm (.028"), without Mylar, 4 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-47507-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
47507
Application
Board-to-Board
Overview
battery_connectors
Product Name
Battery Connector
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Durability (mating cycles max)
10,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Beryllium Copper
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
3
Plating min: Termination (µm)
0.08
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A, 2A
Voltage - Maximum
200V (RMS)
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47507Series


Similar Part No. - 0475070001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475070010 MOLEX6-0475070010 Datasheet
153Kb / 3P
2.00mm (.079") Pitch Battery Connector with side Fitting Nails
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com