Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473370001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0473370001
Description  Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473370001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0473370001 Datasheet HTML 1Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 2Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 3Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 4Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0473370001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473370001 MOLEX1-0473370001_17 Datasheet
35Kb / 2P
   8.50 by 8.50mm Camera Socket, 4.20mm Height, Parallel data type, Surface Mount
More results

Similar Description - 0473370001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1050281001 MOLEX11-1050281001 Datasheet
255Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
0473370200 MOLEX6-0473370200 Datasheet
243Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5, LCP Housing, Lead free
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
0473370005 MOLEX6-0473370005 Datasheet
81Kb / 2P
   Cover for Mobile Phone Camera Socket, 8.5x8.5, Top Mount, Stainless Steel, Lead free
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
0472490005 MOLEX6-0472490005 Datasheet
80Kb / 2P
   Cover for Mobile Phone Camera Socket, 8x8, Top Mount, Side Contact Type, Stainless Steel, Lead free
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
   Cover for Mobile Phone Camera Socket
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com