Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473370001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0473370001
Description  Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473370001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0473370001 Datasheet HTML 1Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 2Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 3Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 4Page - Molex Electronics Ltd. 0473370001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473370001
Status:
Active
Description:
Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
Documents:
3D Model
Product Specification PS-47337-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
47337
Component Type
Socket
Product Name
Camera Socket
Physical
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
30
Entry Angle
Vertical
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Retention
N/A
PCB Thickness Recommended (in)
0.020 In
PCB Thickness Recommended (mm)
0.50 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.035 In
Pitch - Mating Interface (mm)
0.90 mm
Pitch - Term. Interface (in)
0.035 In
Pitch - Term. Interface (mm)
0.90 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
3
Plating min: Termination (µm)
0.075
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Product Specification
PS-47337-001
Sales Drawing
SD-47337-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47337Series
Mates With
Camera Module
Use With
47337-0005 Cap


Similar Part No. - 0473370001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473370001 MOLEX1-0473370001_17 Datasheet
35Kb / 2P
   8.50 by 8.50mm Camera Socket, 4.20mm Height, Parallel data type, Surface Mount
More results

Similar Description - 0473370001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1050281001 MOLEX11-1050281001 Datasheet
255Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
0473370200 MOLEX6-0473370200 Datasheet
243Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5, LCP Housing, Lead free
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
0473370005 MOLEX6-0473370005 Datasheet
81Kb / 2P
   Cover for Mobile Phone Camera Socket, 8.5x8.5, Top Mount, Stainless Steel, Lead free
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
0472490005 MOLEX6-0472490005 Datasheet
80Kb / 2P
   Cover for Mobile Phone Camera Socket, 8x8, Top Mount, Side Contact Type, Stainless Steel, Lead free
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
   Cover for Mobile Phone Camera Socket
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com