Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48200-6032 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 48200-6032
Description  1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, 0.38關m (15關") Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

48200-6032 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  48200-6032 Datasheet HTML 1Page - Molex Electronics Ltd. 48200-6032 Datasheet HTML 2Page - Molex Electronics Ltd. 48200-6032 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0482006032
Status:
Active
Overview:
Description:
1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,
Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, 0.38µm
(15µ") Gold (Au) Plating, 120 Circuits, Lead Free
General
Product Family
Edge Card Connectors
Series
48200
Comments
With Two End Cuts
Component Type
Edgecard to PCB
Overview
edge_card_connectors
Product Name
Edge Card
Physical
Circuits (Loaded)
120
Circuits (maximum)
120
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
Yes
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-48200-003
Product Specification
PS-48200-001
Test Summary
TS-48200-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48200Series
Mates With
32-bit PCI card
This document was generated on 06/04/2010


Similar Part No. - 48200-6032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
48200-6030 MOLEX6-48200-6030 Datasheet
133Kb / 2P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, Gold (Au) Flash, 120 Circuits
48200-6031 MOLEX6-48200-6031 Datasheet
133Kb / 3P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, 0.25關m (10關") Gold (Au) Plating, 120 Circuits, Lead Free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com