Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0474036000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0474036000
Description  Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs, Beveled Metal Pins and Mylar, Lead free
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0474036000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0474036000 Datasheet HTML 1Page - Molex Electronics Ltd. 0474036000 Datasheet HTML 2Page - Molex Electronics Ltd. 0474036000 Datasheet HTML 3Page - Molex Electronics Ltd. 0474036000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47403-016
Product Specification
PS-47403-001
Sales Drawing
SD-47403-600
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0474036000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0474036002 MOLEX6-0474036002 Datasheet
220Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
More results

Similar Description - 0474036000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0474038000 MOLEX6-0474038000 Datasheet
204Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs and Beveled Metal Pins, Lead free
0474036001 MOLEX6-0474036001 Datasheet
220Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0474036002 MOLEX6-0474036002 Datasheet
220Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
0474038002 MOLEX6-0474038002 Datasheet
204Kb / 4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
1051301002 MOLEX11-1051301002 Datasheet
218Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051311000 MOLEX11-1051311000 Datasheet
202Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type
1051312002 MOLEX11-1051312002 Datasheet
202Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type
1051301000 MOLEX11-1051301000 Datasheet
218Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs
1051312000 MOLEX11-1051312000 Datasheet
202Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder
1051311002 MOLEX11-1051311002 Datasheet
202Kb / 4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Hole, with SMT type Front Solder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com