Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0471199001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0471199001
Description  4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action Height, 92g Maximum Contact Force, 2 Circuits, Contact 0.30關m (12關") Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0471199001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0471199001 Datasheet HTML 1Page - Molex Electronics Ltd. 0471199001 Datasheet HTML 2Page - Molex Electronics Ltd. 0471199001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0471199001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0471190001 MOLEX6-0471190001 Datasheet
102Kb / 3P
   4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action Height, 107g Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com