Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0471199001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0471199001
Description  4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action Height, 92g Maximum Contact Force, 2 Circuits, Contact 0.30關m (12關") Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0471199001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0471199001 Datasheet HTML 1Page - Molex Electronics Ltd. 0471199001 Datasheet HTML 2Page - Molex Electronics Ltd. 0471199001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0471199001
Status:
Active
Overview:
pogo_pins
Description:
4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action
Height, 92g Maximum Contact Force, 2 Circuits, Contact 0.30µm (12µ") Gold (Au)
Plating
Documents:
3D Model
Product Specification PS-47119-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
47119
Application
Board-to-Board
Comments
Housing: PA9T
Overview
pogo_pins
Product Name
PoGo Pin
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Durability (mating cycles max)
10,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.026 In
PC Tail Length (mm)
0.68 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.394 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.157 In
Pitch - Mating Interface (mm)
4.00 mm
Pitch - Term. Interface (in)
0.157 In
Pitch - Term. Interface (mm)
4.00 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.30
Plating min: Termination (µin)
12
Plating min: Termination (µm)
0.30
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47119Series


Similar Part No. - 0471199001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0471190001 MOLEX6-0471190001 Datasheet
102Kb / 3P
4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action Height, 107g Maximum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com