Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357460310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357460310
Description  Crimp Terminal 35746, 1818, 2020 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357460310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357460310 Datasheet HTML 1Page - Molex Electronics Ltd. 0357460310 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357460310
Status:
Active
Overview:
versablade
Description:
Crimp Terminal 35746, 18+18, 20+20 AWG
Documents:
Drawing (PDF)
Product Specification PS-35182-003 (PDF)
Product Specification PS-35150-001 (PDF)
Product Specification PS-35524-001 (PDF)
Product Specification PS-35180-002 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
35746
Crimp Quality Equipment
Yes
Overview
versablade
Product Name
VersaBlade™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
6.00mm (.236") max.
Wire Size AWG
18+18, 20+20
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35150-001, PS-35180-002, PS-35182-003,
PS-35524-001
Sales Drawing
SD-35746-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35746Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0638190700
T2 Terminator Die
0638529200
FineAdjust™
Applicator
0638629200
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357460310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357460110 MOLEX5-0357460110 Datasheet
100Kb / 2P
Crimp Terminal 35746, 20-22 AWG
0357460210 MOLEX5-0357460210 Datasheet
101Kb / 2P
Crimp Terminal 35746, 16-18 AWG
0357460410 MOLEX5-0357460410 Datasheet
100Kb / 3P
Crimp Terminal 35746, 24-26 AWG
More results

Similar Description - 0357460310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500189 MOLEX1-0008500189 Datasheet
161Kb / 3P
Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
0357460410 MOLEX5-0357460410 Datasheet
100Kb / 3P
Crimp Terminal 35746, 24-26 AWG
0357460210 MOLEX5-0357460210 Datasheet
101Kb / 2P
Crimp Terminal 35746, 16-18 AWG
0357600700 MOLEX5-0357600700 Datasheet
82Kb / 2P
Button Contact , 18-20 AWG
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
Crimp Terminal 35747, 1818, 2020 AWG
0357460110 MOLEX5-0357460110 Datasheet
100Kb / 2P
Crimp Terminal 35746, 20-22 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
Crimp Terminal 35748, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
Crimp Terminal 35745, 1818, 2020 AWG
5013951000 MOLEX11-5013951000 Datasheet
86Kb / 2P
3.30mm (.130") Pitch Crimp Terminal, Female, 18-20 AWG, Reel
08-50-0187 MOLEX11-08-50-0187 Datasheet
283Kb / 2P
TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com