Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S281632D Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4S281632D
Description  128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632D Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4S281632D Datasheet HTML 3Page - Samsung semiconductor K4S281632D Datasheet HTML 4Page - Samsung semiconductor K4S281632D Datasheet HTML 5Page - Samsung semiconductor K4S281632D Datasheet HTML 6Page - Samsung semiconductor K4S281632D Datasheet HTML 7Page - Samsung semiconductor K4S281632D Datasheet HTML 8Page - Samsung semiconductor K4S281632D Datasheet HTML 9Page - Samsung semiconductor K4S281632D Datasheet HTML 10Page - Samsung semiconductor K4S281632D Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CMOS SDRAM
K4S281632D
Rev. 0.1 Sept. 2001
DQ BUFFER OUTPUT DRIVE CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Notes
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
1.37
4.37
Volts/ns
3
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
1.30
3.8
Volts/ns
3
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
2.8
3.9
5.6
Volts/ns
1,2
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
2.0
2.9
5.0
Volts/ns
1,2
1. Rise time specification based on 0pF + 50
Ω to VSS, use these values to design to.
2. Fall time specification based on 0pF + 50
Ω to VDD, use these values to design to.
3. Measured into 50pF only, use these values to characterize to.
4. All measurements done with respect to VSS.
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
- 55
- 60
- 7C
- 75
- 1H
- 1L
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle
time
CAS latency=3
tCC
5.5
1000
6
1000
7.5
1000
7.5
1000
10
1000
10
1000
ns
1
CAS latency=2
-
-
7.5
10
10
12
CLK to valid
output delay
CAS latency=3
tSAC
-
5
5
5.4
5.4
6
6
ns
1,2
CAS latency=2
-
-
-
5.4
6
6
7
Output data
hold time
CAS latency=3
tOH
2
2.5
3
3
3
3
ns
2
CAS latency=2
-
-
3
3
3
3
CLK high pulse width
tCH
2
2.5
2.5
2.5
3
3
ns
3
CLK low pulse width
tCL
2
2.5
2.5
2.5
3
3
ns
3
Input setup time
tSS
1.5
1.5
1.5
1.5
2
2
ns
3
Input hold time
tSH
1
1
0.8
0.8
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
1
1
1
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
5
5
5.4
5.4
6
6
ns
CAS latency=2
-
-
5.4
6
6
7


Similar Part No. - K4S281632D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B-N SAMSUNG-K4S281632B-N Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B-NC/L1H SAMSUNG-K4S281632B-NC/L1H Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B-NC/L1L SAMSUNG-K4S281632B-NC/L1L Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B-TC10 SAMSUNG-K4S281632B-TC10 Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S281632D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com