Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432F-TL75 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # K4S280432F-TL75
Description  128Mb F-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432F-TL75 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button K4S280432F-TL75 Datasheet HTML 6Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 7Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 8Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 9Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 10Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 11Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 12Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 13Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.2 May 2004
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t care, H=Logic high, L=Logic low)
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0,1
A10/AP
A0 ~ A9,
A11,
Note
Register
Mode register set
H
X
L
L
L
L
X
OP code
1,2
Refresh
Auto refresh
H
H
LL
L
H
X
X
3
Self
refresh
Entry
L
3
Exit
L
H
LH
HH
XX
3
HX
X
X
3
Bank active & row addr.
H
X
L
L
H
H
X
V
Row address
Read &
column address
Auto precharge disable
HX
L
H
L
H
X
V
L
Column
address
4
Auto precharge enable
H
4,5
Write &
column address
Auto precharge disable
HX
L
H
L
L
X
V
L
Column
address
4
Auto precharge enable
H
4,5
Burst stop
H
X
L
H
H
L
X
X
6
Precharge
Bank selection
HX
L
L
H
L
X
VL
X
All banks
XH
Clock suspend or
active power down
Entry
H
L
HX
X
X
X
X
LV
V
V
Exit
L
H
X
X
X
X
X
Precharge power down mode
Entry
H
L
HX
X
X
X
X
LH
HH
Exit
L
H
HX
X
X
X
LV
V
V
DQM
H
X
V
X
7
No operation command
H
X
HX
X
X
XX
LH
HH
1. OP Code : Operand code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank B is selected.
If BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
Notes :


Similar Part No. - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F-TC75 SAMSUNG-K4S280432F-TC75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4S280432F-TCL75 SAMSUNG-K4S280432F-TCL75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
More results

Similar Description - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com