Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432F-TL75 Datasheet(PDF) 12 Page - Samsung semiconductor

Part # K4S280432F-TL75
Description  128Mb F-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432F-TL75 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button K4S280432F-TL75 Datasheet HTML 6Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 7Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 8Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 9Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 10Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 11Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 12Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 13Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.2 May 2004
IOH Characteristics (Pull-up)
Voltage
100MHz
133MHz
Min
100MHz
133MHz
Max
(V)
I (mA)
I (mA)
3.45
-2.4
3.3
-27.3
3.0
0.0
-74.1
2.6
-21.1
-129.2
2.4
-34.1
-153.3
2.0
-58.7
-197.0
1.8
-67.3
-226.2
1.65
-73.0
-248.0
1.5
-77.9
-269.7
1.4
-80.8
-284.3
1.0
-88.6
-344.5
0.0
-93.0
-502.4
IBIS SPECIFICATION
IOL Characteristics (Pull-down)
Voltage
100MHz
133MHz
Min
100MHz
133MHz
Max
(V)
I (mA)
I (mA)
0.0
0.0
0.0
0.4
27.5
70.2
0.65
41.8
107.5
0.85
51.6
133.8
1.0
58.0
151.2
1.4
70.7
187.7
1.5
72.9
194.4
1.65
75.4
202.5
1.8
77.0
208.6
1.95
77.6
212.0
3.0
80.3
219.6
3.45
81.4
222.6
0
-100
-200
-300
-400
-500
-600
03
0.5
1
1.5
2
2.5
3.5
Voltage
250
200
150
100
50
0
03
0.5
1
1.5
2
2.5
3.5
Voltage
100MHz/133MHz Pull-up
100MHz/133MHz Pull-down
IOH Min (100MHz/133MHz)
IOH Max (66 and 100MHz/133MHz)
IOL Min (100MHz/133MHz)
IOL Max (100MHz/133MHz)


Similar Part No. - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F-TC75 SAMSUNG-K4S280432F-TC75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4S280432F-TCL75 SAMSUNG-K4S280432F-TCL75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
More results

Similar Description - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com