Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432F-TL75 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4S280432F-TL75
Description  128Mb F-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432F-TL75 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4S280432F-TL75 Datasheet HTML 6Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 7Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 8Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 9Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 10Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 11Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 12Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 13Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.2 May 2004
DQ BUFFER OUTPUT DRIVE CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Notes
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
1.37
4.37
Volts/ns
3
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
1.30
3.8
Volts/ns
3
Output rise time
trh
Measure in linear
region : 1.2V ~ 1.8V
2.8
3.9
5.6
Volts/ns
1,2
Output fall time
tfh
Measure in linear
region : 1.2V ~ 1.8V
2.0
2.9
5.0
Volts/ns
1,2
1. Rise time specification based on 0pF + 50
Ω to VSS, use these values to design to.
2. Fall time specification based on 0pF + 50
Ω to VDD, use these values to design to.
3. Measured into 50pF only, use these values to characterize to.
4. All measurements done with respect to VSS.
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
60 (x16 only)
75
Unit
Note
Min
Max
Min
Max
CLK cycle
time
CAS latency=3
tCC
6
1000
7.5
1000
ns
1
CAS latency=2
-
10
CLK to valid
output delay
CAS latency=3
tSAC
55.4
ns
1,2
CAS latency=2
-
6
Output data
hold time
CAS latency=3
tOH
2.5
3
ns
2
CAS latency=2
-
3
CLK high pulse width
tCH
2.5
2.5
ns
3
CLK low pulse width
tCL
2.5
2.5
ns
3
Input setup time
tSS
1.5
1.5
ns
3
Input hold time
tSH
10.8
ns
3
CLK to output in Low-Z
tSLZ
11
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
55.4
ns
CAS latency=2
-
6


Similar Part No. - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F-TC75 SAMSUNG-K4S280432F-TC75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4S280432F-TCL75 SAMSUNG-K4S280432F-TCL75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
More results

Similar Description - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com