Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280432F-TL75 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S280432F-TL75
Description  128Mb F-die SDRAM Specification
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280432F-TL75 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S280432F-TL75 Datasheet HTML 1Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 2Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 3Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 4Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 5Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 6Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 7Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 8Page - Samsung semiconductor K4S280432F-TL75 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SDRAM 128Mb F-die (x4, x8, x16)
CMOS SDRAM
Rev. 1.2 May 2004
0.002
0.05
MIN
0.008
0.21
± 0.002
± 0.05
0.005 -0.001
+0.003
0.125 -0.035
+0.075
0.010
0.25
TYP
0~8
°C
#54
#28
#1
#27
0.004
0.10
MAX
0.028
0.71
(
)
0.012
0.30
0.0315
0.80
0.047
1.20
MAX
0.039
1.00
± 0.004
± 0.10
0.891
22.62
MAX
0.875
22.22
± 0.004
± 0.10
+0.10
-0.05
+0.004
-0.002
54Pin TSOP(II) Package Dimension
Package Physical Dimension


Similar Part No. - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280432F-TC75 SAMSUNG-K4S280432F-TC75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4S280432F-TCL75 SAMSUNG-K4S280432F-TCL75 Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
More results

Similar Description - K4S280432F-TL75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4S280432E SAMSUNG-K4S280432E Datasheet
144Kb / 14P
   128Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4H281638L SAMSUNG-K4H281638L Datasheet
490Kb / 32P
   128Mb L-die DDR SDRAM Specification
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
logo
Samsung semiconductor
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com