Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 4 Page - RICOH electronics devices division

  RV5C387A Datasheet HTML 1Page - RICOH electronics devices division RV5C387A Datasheet HTML 2Page - RICOH electronics devices division RV5C387A Datasheet HTML 3Page - RICOH electronics devices division RV5C387A Datasheet HTML 4Page - RICOH electronics devices division RV5C387A Datasheet HTML 5Page - RICOH electronics devices division RV5C387A Datasheet HTML 6Page - RICOH electronics devices division RV5C387A Datasheet HTML 7Page - RICOH electronics devices division RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 4 -
8.
DC ELECTRICAL CHARACTERISTICS
(Unless otherwise specified : VSS=0V,VDD=3V,Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
0.8VDD
5.5
VIL
“L” Input Voltage
SCL,SDA
VDD=2.0 to 5.5V
-0.3
0.2VDD
V
IOL1
32KOUT
0.5
IOL2
/INTRA,
/INTRB,
/INTRC
1.0
IOL3
“L” Output
Current
SDA
VOL=0.4V
4.0
mA
IIL
Input Leakage
Current
SCL
VI=5.5V or VSS
VDD=5.5V
-1
1
µA
IOZ
Output Off-state
Current
SDA,
/INTRA,
/INTRB,
/INTRC
VO=5.5V or VSS
VDD=5.5V
-1
1
µA
IDD
Time Keeping
Current
VDD
VDD=3V,
SCL=SDA=3V,
Output = OPEN
32KOUT=OFF mode
*1)
0.35
0.8
µA
VDETH
Supply Voltage
Monitoring
Voltage “H”
VDD
Topt=-30 to +70
°C
1.90
2.10
2.30
V
VDETL
Supply Voltage
Monitoring
Voltage “L”
VDD
Topt=-30 to +70
°C
1.45
1.60
1.80
V
CG
Internal
Oscillation
Capacitance 1
OSCIN
12
CD
Internal
Oscillation
Capacitance 2
OSCOUT
12
pF
*1) For Standby Current for outputting 32.768kHz clock pulses from the 32KOUT pin, see, “14.7 Typical
Characteristics”.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com