Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 36 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 36 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 32Page - RICOH electronics devices division RV5C387A Datasheet HTML 33Page - RICOH electronics devices division RV5C387A Datasheet HTML 34Page - RICOH electronics devices division RV5C387A Datasheet HTML 35Page - RICOH electronics devices division RV5C387A Datasheet HTML 36Page - RICOH electronics devices division RV5C387A Datasheet HTML 37Page - RICOH electronics devices division RV5C387A Datasheet HTML 38Page - RICOH electronics devices division RV5C387A Datasheet HTML 39Page - RICOH electronics devices division RV5C387A Datasheet HTML 40Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 36 -
14.6.2.
Connection of /INTRA, /INTRB, and /INTRC Pin
The /INTRA, /INTRB, and /INTRC pins follow the N-channel open drain output logic and contains no
protective diode on the power supply side.
As such, it can be connected to a pull-up resistor of up to 5.5
volts regardless of supply voltage.
VDD
OSCIN
OSCOUT
/INTRA, /INTRB, or
/INTRC
*1)
32768Hz
B
A
Backup power supply
System power supply
VSS
14.6.3.
Connection of 32KOUT Pin
The 32KOUT pin follows the Nch. open drain output and contains no protective diode on the power supply
side.
As such, it can be connected to a device with a supply voltage of up to 5.5 volts regardless of supply
voltage, provided that such connection involves considerations for the supply current requirements of a
pull-up resistor, which can be roughly calculated by the following equation:
I = 0.5
× (VDD or VCC) / Rp
VDD
OSCIN
OSCOUT
32KOUT
VSS
32768Hz
B
Rp
Backup power supply
(VDD)
System power supply (VCC)
A
*1)
*1) Depending on whether the /INTRA, /INTRB, and
/INTRC pins are to be used during battery backup,
it should be connected to a pull-up resistor at the
following different positions:
(1) Position A in the left diagram when it is not to be
used during battery backup.
(2) Position B in the left diagram when it is to be used
during battery backup.
*1) Depending on whether the 32KOUT pin is to be
used
during
battery
backup,
it
should
be
connected to a pull-up resistor at the following
different positions:
(1) Position A in the left diagram when it is not to be
used during battery backup.
(2) Position B in the left diagram when it is to be used
during battery backup.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com