Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 32 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 32 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 28Page - RICOH electronics devices division RV5C387A Datasheet HTML 29Page - RICOH electronics devices division RV5C387A Datasheet HTML 30Page - RICOH electronics devices division RV5C387A Datasheet HTML 31Page - RICOH electronics devices division RV5C387A Datasheet HTML 32Page - RICOH electronics devices division RV5C387A Datasheet HTML 33Page - RICOH electronics devices division RV5C387A Datasheet HTML 34Page - RICOH electronics devices division RV5C387A Datasheet HTML 35Page - RICOH electronics devices division RV5C387A Datasheet HTML 36Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 32 -
The above two types of interrupt signals are monitored by the flag bits (i.e. the WAFG, DAFG, and CTFG bits
in the Control Register 2) and enabled or disabled by the enable bits (i.e. the WALE, DALE, CT2, CT1, and
CT0 bits in the Control Register 1) as listed in the table below.
Flag bits
Enable bits
Output Pin
Alarm_W
WAFG
(D1 at Address Fh)
WALE
(D7 at Address Eh)
/INTRB
Alarm_D
DAFG
(D0 at Address Fh)
DALE
(D6 at Address Eh)
/INTRC
Peridic
Interrupt
CTFG
(D2 at Address Fh)
CT2=CT1=CT0=0
(These bit setting of “0” disable the Periodic Interrupt)
(D2 to D0 at Address Eh)
/INTRA
* At power-on, when the WALE, DALE, CT2, CT1, and CT0 bits are set to 0 in the Control Register 1, the
/INTRA, /INTRB, and /INTRC pins are driven high (disabled).
14.4.1.
Alarm Interrupt
The alarm interrupt circuit is controlled by the enable bits (i.e. the WALE and DALE bits in the Control
Register 1) and the flag bits (i.e. the WAFG and DAFG bits in the Control Register 2).
The enable bits can
be used to enable this circuit when set to 1 and to disable it when set to 0.
When intended for reading, the
flag bits can be used to monitor alarm interrupt signals.
When intended for writing, the flag bits will cause no
event when set to 1 and will drive high (disable) the alarm interrupt circuit when set to 0.
The enable bits will not be affected even when the flag bits are set to 0.
In this event, therefore, the alarm
interrupt circuit will continue to function until it is driven low (enabled) upon the next occurrence of a match
between current time and preset alarm time.
The alarm function can be set by presetting desired alarm time in the alarm registers (the Alarm_W Registers
for the day-of-week digit settings and both the Alarm_W Registers and the Alarm_D Registers for the hour
and minute digit settings) with the WALE and DALE bits once set to 0 and then to 1 in the Control Register 1.
Note that the WALE and DALE bits should be once set to 0 in order to disable the alarm interrupt circuit upon
the coincidental occurrence of a match between current time and preset alarm time in the process of setting
the alarm function.
current time =
preset alarm time
WALE
←1
(DALE)
WALE
←0
(DALE)
Interval (1min.) during which a match
between current time and preset alarm time
occurs
current time =
preset alarm time
WAFG
←0
(DAFG)
Max.61.1
µs
/INTRB
(/INTRC)
WALE
←1
(DALE)
WALE
←1
(DALE)
current time =
preset alarm time
WALE
←0
(DALE)
current time =
preset alarm time
/INTRB
(/INTRC)


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com