Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 3 Page - RICOH electronics devices division

  RV5C387A Datasheet HTML 1Page - RICOH electronics devices division RV5C387A Datasheet HTML 2Page - RICOH electronics devices division RV5C387A Datasheet HTML 3Page - RICOH electronics devices division RV5C387A Datasheet HTML 4Page - RICOH electronics devices division RV5C387A Datasheet HTML 5Page - RICOH electronics devices division RV5C387A Datasheet HTML 6Page - RICOH electronics devices division RV5C387A Datasheet HTML 7Page - RICOH electronics devices division RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 3 -
5.
PIN DESCRIPTION
Symbol
Item
Description
SCL
Serial
Clock Line
The SCL pin is used to input clock pulses synchronizing the input and output
of data to and from the SDA pin. Allows a maximum input voltage of 5.5
volts regardless of supply voltage.
SDA
Serial
Data Line
The SDA pin is used to input or output data intended for writing or reading in
synchronization with the SCL pin. Up to 5.5v beyond VDD may be input.
This pin functions as an Nch open drain output.
/INTRA
Interrupt
Output A
The /INTRA pin is used to output periodic interrupt signals to the CPU.
Disabled at power-on from 0 volts.
Nch. open drain output.
/INTRB
Interrupt
Output B
The /INTRB pin is used to output alarm interrupt (Alarrm_W) signals to the
CPU.
Disabled at power-on from 0 volts.
Nch. open drain output.
/INTRC
Interrupt
Output C
The /INTRC pin is used to output alarm interrupt (Alarm_D) signals to the
CPU.
Disabled at power-on from 0 volts.
Nch. open drain output.
32KOUT
32kHz Clock
Output
The 32KOUT pin is used to output 32.768-kHz clock pulses.
Enabled at
power-on from 0 volts. Nch. open drain output.
The RV5C387A is designed
to disable 32-kHz clock output in response to a command from the host
computer.
OSCIN
OSCOUT
Oscillation
Circuit
Input / Output
The OSCIN and OSCOUT pins are used to connect the 32.768-kHz crystal
oscillator (with all other oscillation circuit components built into the
RV5C387A).
VDD
VSS
Positive Power
Supply Input
Negative Power
Supply Input
The VDD pin is connected to the power supply.
The VSS pin is grounded.
6.
ABSOLUTE MAXIMUM RATINGS
(VSS=0V)
Symbol
Item
Pin Name
Description
Unit
VDD
Supply Voltage
-0.3 to +6.5
V
VI
Input Voltage
SCL, SDA
-0.3 to +6.5
V
VO
Output Voltage
32KOUT, SDA, /INTRA,
/INTRB, /INTRC
-0.3 to +6.5
V
PD
Power Dissipation
Topt = 25
°C
300
mW
Topt
Operating Temperature
-40 to +85
°C
Tstg
Storage Temperature
-55 to +125
°C
7.
RECOMMENDED OPERATING CONDITIONS
(VSS=0V, Topt=-40 to +85
°C)
Symbol
Item
Pin Name
Min,
Typ.
Max.
Unit
VDD
Supply Voltage
2.0
5.5
V
VCLK
Timekeeping Voltage
1.45
5.5
V
fXT
Oscillation Frequency
32.768
kHz
VPUP
Pull-up Voltage
SCL, SDA, /INTRA,
/INTRB, /INTRC
5.5
V


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com