Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 28 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 28 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 24Page - RICOH electronics devices division RV5C387A Datasheet HTML 25Page - RICOH electronics devices division RV5C387A Datasheet HTML 26Page - RICOH electronics devices division RV5C387A Datasheet HTML 27Page - RICOH electronics devices division RV5C387A Datasheet HTML 28Page - RICOH electronics devices division RV5C387A Datasheet HTML 29Page - RICOH electronics devices division RV5C387A Datasheet HTML 30Page - RICOH electronics devices division RV5C387A Datasheet HTML 31Page - RICOH electronics devices division RV5C387A Datasheet HTML 32Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 28 -
Course (A)
When the time count precision of each RTC is not to be adjusted, the crystal oscillator intended for use in that
RTC may have any CL value requiring no presetting.
The crystal oscillator may be subject to frequency
variations which are selectable within the allowable range of time count precision.
Several crystal oscillators
and RTCs should be used to find the center frequency of the crystal oscillators by the method described in
"14.2. 2.
Measurement of Oscillation Frequency" and then calculate an appropriate oscillation adjustment
value by the method described in "14.2. 4. Oscillation Adjustment Circuit" for writing this value to the
RV5C387A.
Course (B)
When the time count precision of each RTC is to be adjusted within the oscillation frequency variations of the
crystal oscillator plus the frequency variations of the real-time clock ICs, it becomes necessary to correct
deviations in the time count of each RTC by the method described in "14.2.4.
Oscillation Adjustment
Circuit".
Such oscillation adjustment provides crystal oscillators with a wider range of allowable settings of
their oscillation frequency variations and their CL values.
The real-time clock IC and the crystal oscillator
intended for use in that real-time clock IC should be used to find the center frequency of the crystal oscillator
by the method described in "14.2.2.
Measurement of Oscillation Frequency" and then confirm the center
frequency thus found to fall within the range adjustable by the oscillation adjustment circuit before adjusting
the oscillation frequency of the oscillation circuit.
At normal temperature, the oscillation frequency of the
oscillator circuit can be adjusted by up to approximately
±1.5ppm.
Course (C)
Course (C) together with Course (D) requires adjusting the time count precision of each RTC as well as the
frequency of 32.768-kHz clock pulses output from the 32KOUT pin.
Normally, the oscillation frequency of
the crystal oscillator intended for use in the RTCs should be adjusted by adjusting the oscillation stabilizing
capacitors CG and CD connected to both ends of the crystal oscillator.
The RV5C387A, which incorporate
the CG and the CD, require adjusting the oscillation frequency of the crystal oscillator through its CL value.
Generally, the relationship between the CL value and the CG and CD values can be represented by the
following equation:
CL = (CG
× CD)/(CG + CD) + CS where "CS" represents the floating capacity of the printed circuit board.
The crystal oscillator intended for use in the RV5C387A is recommended to have the CL value on the order of
6 to 8pF.
Its oscillation frequency should be measured by the method described in "14.2.2.
Measurement
of Oscillation Frequency".
Any crystal oscillator found to have an excessively high or low oscillation
frequency (causing a time count gain or loss, respectively) should be replaced with another one having a
smaller and greater CL value, respectively until another one having an optimum CL value is selected.
In
this case, the bit settings disabling the oscillation adjustment circuit (see "14.2.4.
Oscillation Adjustment
Circuit") should be written to the oscillation adjustment register.
Incidentally, the high oscillation frequency of the crystal oscillator can also be adjusted by adding an external
oscillation stabilization capacitor CGOUT as illustrated in the diagram below.
OSCIN
OSCOUT
VDD
VDD
32kHz
RD
RF
*1)
CD
CG
CGout
Course (D)
It is necessary to select the crystal oscillator in the same manner as in Course (C) as well as correct errors in
the time count of each RTC in the same manner as in Course (B) by the method described in "14.2.4.
Oscillation Adjustment Circuit".
*1) The CGOUT should have a capacitance ranging
from 0 to 15 pF.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com