Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 27 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 23Page - RICOH electronics devices division RV5C387A Datasheet HTML 24Page - RICOH electronics devices division RV5C387A Datasheet HTML 25Page - RICOH electronics devices division RV5C387A Datasheet HTML 26Page - RICOH electronics devices division RV5C387A Datasheet HTML 27Page - RICOH electronics devices division RV5C387A Datasheet HTML 28Page - RICOH electronics devices division RV5C387A Datasheet HTML 29Page - RICOH electronics devices division RV5C387A Datasheet HTML 30Page - RICOH electronics devices division RV5C387A Datasheet HTML 31Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 27 -
14.2.2.
Measurement of Oscillation Frequency
Frequency
counter
OSCIN
OSCOUT
32KOUT
VSS
32768Hz
VDD
* 1) The RV5C387A is configured to generate 32.768-kHz clock pulses for output from the 32KOUT pin.
* 2) A frequency counter with 6 (more preferably 7) or more digits on the order of 1ppm is recommended for
use in the measurement of the oscillation frequency of the oscillation circuit.
* 3) The 32KOUT pin should be connected to the VDD pin as a pull-up resistor.
14.2.3.
Adjustment of Oscillation frequency
The oscillation frequency of the oscillation circuit can be adjusted by varying procedures depending on the
usage of Model RV5C387A in the system into which they are to be built and on the allowable degree of time
count errors.
The flow chart below serves as a guide to selecting an optimum oscillation frequency
adjustment procedure for the relevant system.
Start
Course (B)
Use 32-kHz clock output without regard
to its frequency precision
NO
YES
Use 32-kHz
clock output?
YES
NO
Course (C)
Course (A)
Course (D)
YES
YES
NO
NO
Allowable time count precision on order of oscillation
frequency variations of crystal oscillator (*1) plus
frequency variations of RTC (*2)?
(*3)
Allowable time count precision on order of oscillation
frequency variations of crystal oscillator (*1) plus
frequency variations of RTC (*2)?
(*3)
* 1) Generally, crystal oscillators for commercial use are classified in terms of their center frequency depending
on their load capacitance (CL) and further divided into ranks on the order of
±10, ±20, and ±50ppm
depending on the degree of their oscillation frequency variations.
* 2) Basically, Model RV5C387A is configured to cause frequency variations on the order of
±5 to ±10ppm at
normal temperature.
* 3) Time count precision as referred to in the above flow chart is applicable to normal temperature and actually
affected by the temperature characteristics and other properties of crystal oscillators.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com