Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 16Page - RICOH electronics devices division RV5C387A Datasheet HTML 17Page - RICOH electronics devices division RV5C387A Datasheet HTML 18Page - RICOH electronics devices division RV5C387A Datasheet HTML 19Page - RICOH electronics devices division RV5C387A Datasheet HTML 20Page - RICOH electronics devices division RV5C387A Datasheet HTML 21Page - RICOH electronics devices division RV5C387A Datasheet HTML 22Page - RICOH electronics devices division RV5C387A Datasheet HTML 23Page - RICOH electronics devices division RV5C387A Datasheet HTML 24Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 20 -
transmission has completed.
The slave side (transmission side) continues to release the SDA pin so that
the master will be able to generate Stop Condition, after falling edge of the SCL 9bit of clock pulses.
SCL
from the master
SDA from
the transmission side
SDA from
the receiving side
1
2
8
9
Acknowledge
signal
Start
Condition
(3) Data Transmission Format in I
2C-Bus
I
2C-Bus has no chip enable signal line. In place of it, each device has a 7bit Slave Address allocated. The
first 1byte is allocated to this 7bit address and to the command (R/W) for which data transmission direction is
designated by the data transmission thereafter.
7bit address is sequentially transmitted from the MSB and 2
and after bytes are read, when 8bit is “H” and when write “L”.
The Slave Address of the RV5C387A is specified at (0110010).
At the end of data transmission / receiving, Stop Condition is generated to complete transmission. However,
if start condition is generated without generating Stop Condition, Repeated Start Condition is met and
transmission / receiving data may be continue by setting the Slave Address again. Use this procedure when
the transmission direction needs to be change during one transmission.
S
A
A
Data
/A P
Data is written to the slave
from the master
S
0
A
Slave Address
Data
A
A P
When data is read from the
slave immediately after 7bit
addressing from the master
Master to slave
Slave to master
Sr
Repeated Start Condition
P
Stop Condition
A
A
/A Acknowledge Signal
R/W=1(Read)
(0110010)
Inform read has been completed by not generate
an acknowledge signal to the slave side.
Data
R/W=0(Write)
(0110010)
When
the
transmission
direction is to be changed
during transmission.
Sr
1
0
A
A
R/W=0(Write)
A
Data
R/W=1(Read)
(0110010)
S
1
A
/A P
Inform read has been completed by not generate
an acknowledge signal to the slave side.
Data
S
Start Condition
(0110010)
Slave Address
Salve Address
Slave Address
Data
Data


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com