Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 12Page - RICOH electronics devices division RV5C387A Datasheet HTML 13Page - RICOH electronics devices division RV5C387A Datasheet HTML 14Page - RICOH electronics devices division RV5C387A Datasheet HTML 15Page - RICOH electronics devices division RV5C387A Datasheet HTML 16Page - RICOH electronics devices division RV5C387A Datasheet HTML 17Page - RICOH electronics devices division RV5C387A Datasheet HTML 18Page - RICOH electronics devices division RV5C387A Datasheet HTML 19Page - RICOH electronics devices division RV5C387A Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 16 -
F6 to F0 bits
The Oscillation Adjustment Circuit is configured to change time counts of 1 second on the basis of the settings
of
the Oscillation Adjustment Register when the second digits read 00, 20, or 40 seconds.
Normally, the Second
Counter is incremented once per 32768 32.768-kHz clock pulses generated by the crystal oscillator.
Writing to
the F6 to F0 bits activates the oscillation adjustment circuit.
*
The Oscillation Adjustment Circuit will not operate with the same
timing (00, 20, or 40 seconds)
as the timing of writing to the Oscillation Adjustment Register.
*
The F6 bit setting of 0 causes an increment of time counts by ((F5, F4, F3, F2, F1, F0) - 1) x 2.
The F6 bit setting of 1 causes a decrement of time counts by ((/F5, /F4, /F3, /F2, /F1, /F0) + 1) x 2.
The settings of "*, 0, 0, 0, 0, 0, *" ("*" representing either "0" or "1") in the F6, F5, F4, F3, F2, F1, and F0
bits cause neither an increment nor decrement of time counts.
Example:
When the second digits read 00, 20, or 40, the settings of "0, 0, 0, 0, 1, 1, 1" in the F6, F5, F4, F3, F2, F1, and F0
bits cause an increment of the current time counts of 32768 by (7 - 1) x 2 to 32780 (a current time count loss).
When the second digits read 00, 20, or 40, the settings of "0, 0, 0, 0, 0, 0, 1" in the F6, F5, F4, F3, F2, F1, and F0
bits cause neither an increment nor a decrement of the current time counts of 32768.
When the second digits read 00, 20, or 40, the settings of "1, 1, 1, 1, 1, 1, 0" in the F6, F5, F4, F3, F2, F1, and F0
bits cause a decrement of the current time counts of 32768 by (- 2) x 2 to 32764 (a current time count gain).
An increase of two clock pulses once per 20 seconds causes a time count loss of approximately 3 ppm (2 / (32768
x 20 = 3.051 ppm).
Conversely, a decrease of two clock pulses once per 20 seconds causes a time count gain of
3 ppm.
Consequently, deviations in time counts can be corrected with a precision of
±1.5 ppm. Note that the
oscillation adjustment circuit is configured to correct deviations in time counts and not the oscillation frequency of
the 32.768-kHz clock pulses.
For further details, see "14. 2. 4.
Oscillation Adjustment Circuit".
13.2.7.
Alarm_W Registers (Address 8-Ah)
Alarm_W Minute Register (Address 8h)
D7
D6
D5
D4
D3
D2
D1
D0
-
WM40
WM20
WM10
WM8
WM4
WM2
WM1
(For Writing)
0
WM40
WM20
WM10
WM8
WM4
WM2
WM1
(For Reading)
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
Alarm_W Hour Register (Address 9h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
WH20
WP
⋅/A
WH10
WH8
WH4
WH2
WH1
(For Writing)
0
0
WH20
WP
⋅/A
WH10
WH8
WH4
WH2
WH1
(For Reading)
0
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
Alarm_W Day-of-week Register (Address Ah)
D7
D6
D5
D4
D3
D2
D1
D0
-
WW6
WW5
WW4
WW3
WW2
WW1
WW0
(For Writing)
0
WW6
WW5
WW4
WW3
WW2
WW1
WW0
(For Reading)
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
*)
Default settings:
Default value means read/written values when the XSTP bit is set to “1” due to power-on
from 0 volts or supply voltage drop.
*
The D5 bit of the Alarm_W Hour Register represents WP/A when the 12-hour mode is selected (0 for a.m. and
1 for p.m.)
and WH20 when the 24-hour mode is selected (tens in the hour digits).
*
The Alarm_W Registers should not have any non-existent alarm time settings.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com