Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 10Page - RICOH electronics devices division RV5C387A Datasheet HTML 11Page - RICOH electronics devices division RV5C387A Datasheet HTML 12Page - RICOH electronics devices division RV5C387A Datasheet HTML 13Page - RICOH electronics devices division RV5C387A Datasheet HTML 14Page - RICOH electronics devices division RV5C387A Datasheet HTML 15Page - RICOH electronics devices division RV5C387A Datasheet HTML 16Page - RICOH electronics devices division RV5C387A Datasheet HTML 17Page - RICOH electronics devices division RV5C387A Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 14 -
13.2.3.
Time Counter (Address 0-2h)
Second Counter (Address 0h)
D7
D6
D5
D4
D3
D2
D1
D0
-
S40
S20
S10
S8
S4
S2
S1
(For Writing)
0
S40
S20
S10
S8
S4
S2
S1
(For Reading)
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
Minute Counter (Address 1h)
D7
D6
D5
D4
D3
D2
D1
D0
-
M40
M20
M10
M8
M4
M2
M1
(For Writing)
0
M40
M20
M10
M8
M4
M2
M1
(For Reading)
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
Hour Counter (Address 2h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
P
⋅/A
or H20
H10
H8
H4
H2
H1
(For Writing)
0
0
P
⋅/A
or H20
H10
H8
H4
H2
H1
(For Reading)
0
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Default Settings *)
*)
Default settings:
Default value means read/written values when the XSTP bit is set to “1” due to power-on
from 0 volts or supply voltage drop.
*
Time digit display (BCD format) as follows:
The second digits range from 00 to 59 and are carried to the minute digit in transition from 59 to 00.
The minute digits range from 00 to 59 and are carried to the hour digits in transition from 59 to 00.
The hour digits range as shown in "13.2.1. – (2).
/12
⋅24: 12-/24-hour Mode Selection Bit" and are carried to
the day-of-month and day-of-week digits in transition from PM11 to AM12 or from 23 to 00.
*
Any writing to the second counter resets divider units of less than 1 second.
*
Any carry from lower digits with the writing of non-existent time may cause the time counters to malfunction.
Therefore, such incorrect writing should be replaced with the writing of existent time data.
13.2.4.
Day-of-week Counter (Address 3h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
-
-
-
W4
W2
W1
(For Writing)
0
0
0
0
0
W4
W2
W1
(For Reading)
0
0
0
0
0
Indefinite
Indefinite
Indefinite
Default Settings *)
*)
Default settings:
Default value means read/written values when the XSTP bit is set to “1” due to power-on
from 0 volts or supply voltage drop.
* The day-of-week counter is incremented by 1 when the day-of-week digits are carried to the day-of-
month digits.
* Day-of-week display (incremented in septimal notation):
(W4, W2, W1) = (0, 0, 0)
→ (0, 0, 1)→…→(1, 1, 0) → (0, 0, 0)
* Correspondences between days of the week and the day-of-week digits are user-definable
(e.g. Sunday = 0, 0, 0)
* The writing of (1, 1, 1) to (W4, W2, W1) is prohibited except when days of the week are unused.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com