Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 12 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division RV5C387A Datasheet HTML 10Page - RICOH electronics devices division RV5C387A Datasheet HTML 11Page - RICOH electronics devices division RV5C387A Datasheet HTML 12Page - RICOH electronics devices division RV5C387A Datasheet HTML 13Page - RICOH electronics devices division RV5C387A Datasheet HTML 14Page - RICOH electronics devices division RV5C387A Datasheet HTML 15Page - RICOH electronics devices division RV5C387A Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 12 -
13.2.2.
Control Register 2 (Address Fh)
D7
D6
D5
D4
D3
D2
D1
D0
VDSL
VDET
SCRATCH
XSTP /CLEN1
CTFG
WAFG
DAFG
(For Writing)
VDSL
VDET
SCRATCH
XSTP /CLEN1
CTFG
WAFG
DAFG
(For Reading)
0
0
0
1
0
0
0
0
Default Settings *)
*) Default settings:
Default value means read / written values when the XSTP bit is reset due to power-on from
0 volts or supply voltage drop.
(1) VDSL
Supply Voltage Monitoring Threshold Selection Bit
VDSL
Description
0
Selecting the supply voltage monitoring threshold setting of 2.1v.
(Default)
1
Selecting the supply voltage monitoring threshold setting of 1.6v.
The VDSL bit is intended to select the supply voltage monitoring threshold settings.
(2)
VDET
Supply Voltage Monitoring Result Indication Bit
VDET
Description
0
Indicating supply voltage above the supply voltage monitoring
threshold settings.
(Default)
1
Indicating supply voltage below the supply voltage monitoring
threshold settings.
Once the VDET bit is set to 1, the supply voltage monitoring circuit will be disabled while the VDET bit will hold the
setting of 1. The VDET bit accepts only the writing of 0, which restarts the supply voltage monitoring circuit.
Conversely, setting the VDET bit to 1 causes no event.
(3) SCRATCH
Scratch Bit
SCRATCH
Description
0
(Default)
1
The SCRATCH bit is intended for scratching and accepts the reading and writing of 0 and 1.
The SCRATCH bit
will be set to 0 when the XSTP bit is set to 1 in the Control Register 2.
(4) XSTP
Oscillation Halt Sensing Bit
XSTP
Description
0
Sensing a normal condition of oscillation
1
Sensing a halt of oscillation
(Default)
The XSTP bit is for sensing a halt in the oscillation of the crystal oscillator.
*
The XSTP bit will be set to 1 once a halt in the oscillation of the crystal oscillator is caused by such events as
power-on from 0 volts and a drop in supply voltage.
The XSTP bit will hold the setting of 1 even after the
restart of oscillation.
As such, the XSTP bit can be applied to judge the validity of clock and calendar data
after power-on or a drop in supply voltage.
*
When the XSTP bit is set to 1, all bits will be reset to 0 in the Oscillation Adjustment Register, Control Register
1, and Control Register 2, stopping the output from /INTRA, /INTRB, and /INTRC pins and starting the output
of 32.768-kHz clock pulses from the 32KOUT pin.
*
The XSTP bit accepts only the writing of 0, which restarts the oscillation halt sensing circuit.
Conversely,
setting the XSTP bit to 1 causes no event.
*
It is recommendable to frequently check the XSTP bit for setting errors or data garbles, which may seriously
affect the operation of the RV5C387A.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com