Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 7Page - RICOH electronics devices division RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division RV5C387A Datasheet HTML 10Page - RICOH electronics devices division RV5C387A Datasheet HTML 11Page - RICOH electronics devices division RV5C387A Datasheet HTML 12Page - RICOH electronics devices division RV5C387A Datasheet HTML 13Page - RICOH electronics devices division RV5C387A Datasheet HTML 14Page - RICOH electronics devices division RV5C387A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
PRELIMINARY
RV5C387A
12345
- 11 -
(5) CT2,CT1, and CT0
Periodic Interrupt Selection Bits
Description
CT2
CT1
CT0
Wave form mode
Interrupt Cycle and Falling Timing
0
0
0
-
OFF(H)
(Default)
0
0
1
-
Fixed at “L”
0
1
0
Pulse Mode *1)
2Hz(Duty50%)
0
1
1
Pulse Mode *1)
1Hz(Duty50%)
1
0
0
Level Mode *2)
Once per 1 second (Synchronized with
second counter increment)
1
0
1
Level Mode *2)
Once per 1 minute (at 00 seconds of every
minute)
1
1
0
Level Mode *2)
Once per hour (at 00 minutes and 00
seconds of every hour)
1
1
1
Level Mode *2)
Once per month (at 00 hours, 00 minutes,
and 00 seconds of first day of every month)
*1) Pulse Mode: 2-Hz and 1-Hz clock pulses are output in synchronization with the increment of the second
counter as illustrated in the timing chart below.
/INTRA Pin
Rewriting of the second counter
CTFG Bit
Approx. 92
µs
(Increment of second counter)
In the pulse mode, the increment of the second counter is delayed by approximately 92
µs from the falling edge of
clock pulses.
Consequently, time readings immediately after the falling edge of clock pulses may appear to lag
behind the time counts of the real-time clocks by approximately 1 second.
Rewriting the second counter will
reset the other time counters of less than 1 second, driving the /INTRA pin low.
*2) Level Mode: Periodic interrupt signals are output with selectable interrupt cycle settings of 1 second, 1
minute, 1 hour, and 1 month.
The increment of the second counter is synchronized with the
falling edge of periodic interrupt signals.
For example, periodic interrupt signals with an
interrupt cycle setting of 1 second are output in synchronization with the increment of the second
counter as illustrated in the timing chart below.
/INTRA Pin
(Increment of
second counter)
CTFG Bit
Setting CTFG bit to 0
Setting CTFG bit to 0
(Increment of
second counter)
(Increment of
second counter)
*1), *2) When the oscillation adjustment circuit is used, the interrupt cycle will fluctuate once per 20sec. as follows:
Pulse Mode: The “L” period of output pulses will increment or decrement by a maximum of
±3.784 ms. For
example, 1-Hz clock pulses will have a duty cycle of 50
±0.3784%.
Level Mode: A periodic interrupt cycle of 1 second will increment or decrement by a maximum of
±3.784 ms.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com