Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RV5C387A Datasheet HTML 6Page - RICOH electronics devices division RV5C387A Datasheet HTML 7Page - RICOH electronics devices division RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division RV5C387A Datasheet HTML 10Page - RICOH electronics devices division RV5C387A Datasheet HTML 11Page - RICOH electronics devices division RV5C387A Datasheet HTML 12Page - RICOH electronics devices division RV5C387A Datasheet HTML 13Page - RICOH electronics devices division RV5C387A Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
RV5C387A
PRELIMINARY
12345
- 10 -
13.2.
Register Settings
13.2.1.
Control Register 1 (ADDRESS Eh)
D7
D6
D5
D4
D3
D2
D1
D0
WALE
DALE
/12
⋅24
/CLEN2
TEST
CT2
CT1
CT0
(For Writing)
WALE
DALE
/12
⋅24
/CLEN2
TEST
CT2
CT1
CT0
(For Reading)
0
0
0
0
0
0
0
0
Default Settings *)
*)
Default settings:
Default value means read/written values when the XSTP bit is set to “1” due to power-on
from 0 volts or supply voltage drop.
(1)
WALE, DALE
Alarm_W Enable Bit, Alarm_D Enable Bit
WALE,DALE
Description
0
Disabling the alarm interrupt circuit (under the control of the settings
of the Alarm_W registers and the Alarm_D registers).
(Default)
1
Enabling the alarm interrupt circuit (under the control of the settings
of the Alarm_W registers and the Alarm_D registers)
(2)
/12
⋅24
12-/24-hour Mode Selection Bit
/12
⋅24
Description
0
Selecting the 12-hour mode with a.m. and p.m. indications.
(Default)
1
Selecting the 24-hour mode
Setting the /12
24 bit to 0 and 1 specifies the 12-hour mode and the 24-hour mode, respectively.
24-hour mode
12-hour mode
24-hour mode
12-hour mode
00
12 (AM12)
12
32 (PM12)
01
01 (AM 1)
13
21 (PM 1)
02
02 (AM 2)
14
22 (PM 2)
03
03 (AM 3)
15
23 (PM 3)
04
04 (AM 4)
16
24 (PM 4)
05
05 (AM 5)
17
25 (PM 5)
06
06 (AM 6)
18
26 (PM 6)
07
07 (AM 7)
19
27 (PM 7)
08
08 (AM 8)
20
28 (PM 8)
09
09 (AM 9)
21
29 (PM 9)
10
10 (AM10)
22
30 (PM10)
11
11 (AM11)
23
31 (PM11)
Setting the /12
⋅24 bit should precede writing time data
(3) /CLEN2
32-kHz Clock Output Bit 2
/CLEN2
Description
0
Enabling the 32-kHz clock circuit
(Default)
1
Disabling the 32-kHz clock circuit
Setting the /CLEN2 bit or the /CLEN1 bit (D3 in the control register 2) to 0 specifies generating clock pulses with
the oscillation frequency of the 32.768-kHz crystal oscillator for output from the 32KOUT pin.
Conversely,
setting both the /CELN1 and the /CLEN2 bit to 1 specifies disabling (“H”) such output.
(4) TEST
Test Bit
TEST
Description
0
Normal operation mode.
(Default)
1
Test mode.
The TEST bit is used only for testing in the factory and should normally be set to 0.


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com