Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 1 Page - RICOH electronics devices division

  RV5C387A Datasheet HTML 1Page - RICOH electronics devices division RV5C387A Datasheet HTML 2Page - RICOH electronics devices division RV5C387A Datasheet HTML 3Page - RICOH electronics devices division RV5C387A Datasheet HTML 4Page - RICOH electronics devices division RV5C387A Datasheet HTML 5Page - RICOH electronics devices division RV5C387A Datasheet HTML 6Page - RICOH electronics devices division RV5C387A Datasheet HTML 7Page - RICOH electronics devices division RV5C387A Datasheet HTML 8Page - RICOH electronics devices division RV5C387A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
12345
12345
- 1 -
I
2C-Bus Real-Time Clock ICs
with Voltage Monitoring Function
7.Jun.99
Preliminary
1.
OUTLINE
The RV5C387A is a CMOS real-time clock IC connected to the CPU by two signal lines, SCL and SDA, and
configured to perform serial transmission of time and calendar data to the CPU.
The periodic interrupt circuit
is configured to generate interrupt signals with six selectable interrupts ranging from 0.5 seconds to 1 month.
The 2 alarm interrupt circuits generate interrupt signals at preset times.
As the oscillation circuit is driven
under constant voltage, fluctuation of the oscillator frequency due to supply voltage is small, and the time
keeping current is small (TYP. 0.35
µA at 3 volts). The oscillation halt sensing circuit can be used to judge
the validity of internal data in such events as power-on; The supply voltage monitoring circuit is configured to
record a drop in supply voltage below two selectable supply voltage monitoring threshold settings.
The 32-
kHz clock output function (Nch open-drain output) is intended to output sub-clock pulses for the external
microcomputer.
The 32-kHz clock output can be disabled by certain register settings.
The oscillation
adjustment circuit is intended to adjust time counts with high precision by correcting deviations in the
oscillation frequency of the crystal oscillator.
This model comes in an ultra-compact SSOP10G (Pin Pitch
0.5mm, Height1.2mm, 4.0mm
×2.9mm).
2.
FEATURES
Timekeeping supply voltage ranging from 1.45 to 5.5V
• Low power consumption
0.35
µA TYP (0.8µA MAX) at VDD=3V
Only two signal lines (SCL and SDA) required for connection to the CPU.
( I
2C-Bus Interface, 400kHz at VDD
≥2.5V, address7bit)
Time counters (counting hours, minutes, and seconds) and calendar counters (counting years, months, days,
and weeks) (in BCD format)
1900/2000 identification bit for Year 2000 compliance
Interrupt circuit configured to generate interrupt signals (with interrupts ranging from 0.5 seconds to 1 month)
to the CPU and provided with an interrupt flag and an interrupt halt
2 alarm interrupt circuits (Alarm_W for week, hour, and minute alarm settings and Alarm_D for hour and
minute alarm settings)
32-kHz clock circuit (N-ch open-drain output)
Designed to disable 32-kHz clock output in response to a command from the host computer.
Oscillation halt sensing circuit which can be used to judge the validity of internal data
Supply voltage monitoring circuit with two supply voltage monitoring threshold settings
Automatic identification of leap years up to the year 2099
Selectable 12-hour and 24-hour mode settings
• Built-in oscillation stabilization capacitors (CG and CD)
High precision oscillation adjustment circuit
CMOS process
• Ultra-compact SSOP10G
*) I
2C-Bus is a trademark of PHILIPS N.V.
Purchase of I2C-Bus components of Ricoh Company, LTD. conveys a license under the Philips I
2C Patent
Rights to use these components in an I
2C system, provided that the system comforms to the I2C standard
Specification as definded by Philips.
RV5C387A


Similar Part No. - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results

Similar Description - RV5C387A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3 Datasheet
156Kb / 1P
Real Time Clock - I2C Bus
RV3029C3 GOLLEDGE-RV3029C3_16 Datasheet
155Kb / 1P
Real Time Clock - I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com