Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C348A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RS5C348A
Description  4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C348A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RS5C348A Datasheet HTML 5Page - RICOH electronics devices division RS5C348A Datasheet HTML 6Page - RICOH electronics devices division RS5C348A Datasheet HTML 7Page - RICOH electronics devices division RS5C348A Datasheet HTML 8Page - RICOH electronics devices division RS5C348A Datasheet HTML 9Page - RICOH electronics devices division RS5C348A Datasheet HTML 10Page - RICOH electronics devices division RS5C348A Datasheet HTML 11Page - RICOH electronics devices division RS5C348A Datasheet HTML 12Page - RICOH electronics devices division RS5C348A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
R
×5C348A/B
6
Symbol
Item
Conditions
VDD
≥2.0V
VDD
≥4.5
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
tCES
CE Set-up Time
400
200
ns
tCEH
CE Hold Time
400
200
ns
tCR
CE Recovery Time
62
62
µs
fSCLK
SCLK Clock Frequency
1.0
2.0
MHz
tCKH
SCLK Clock “H” Time
400
200
ns
tCKL
SCLK Clock “L” Time
400
200
ns
tCKS
SCLK Set-up Time
200
100
ns
tRD
Data Output Delay Time
300
150
ns
tRZ
Data Output Floating Time
300
150
ns
tCEZ
Data Output Floating Time
300
150
ns
After Falling of CE
tDS
Input Data Set-up Time
200
100
ns
tDH
Input Data Hold Time
200
100
ns
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified : Vss=0V,Topt=–40 to +85˚C
Input/output condition : VIH=0.8
×VDD, VIL=0.2×VDD, VOH=0.8×VDD, VOL=0.2×VDD, CL=50pF
CE
SCLK
SI
SO
tCKH
tCKL
tCKS
tCES
tDS
tDH
tRD
tRD
tRZ
tCEZ
tCEH
tCR
*) For read/write timing, see “USAGES, 1.5 Considerations in Reading and Writing Time Data”.


Similar Part No. - RS5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RS5C348A RICOH-RS5C348A Datasheet
1Mb / 47P
   4-wire Serial Interface
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
More results

Similar Description - RS5C348A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com