Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0190710314 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190710314
Description  InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190710314 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190710314 Datasheet HTML 1Page - Molex Electronics Ltd. 0190710314 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710314
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 2/0 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
1/2" (M12)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
18.40mm (.725") max.
Wire Size AWG
2/0
Material Info
Old Part Number
J-687-12X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19063-006
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890025
Putt Pump Dieless
Head System
0192860065
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190710314

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710311 MOLEX4-0190710311 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710312 MOLEX4-0190710312 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710313 MOLEX4-0190710313 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results

Similar Description - 0190710314

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710306 MOLEX4-0190710306 Datasheet
152Kb / 2P
InsulKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0190710285 MOLEX4-0190710285 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710281 MOLEX4-0190710281 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710311 MOLEX4-0190710311 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710302 MOLEX4-0190710302 Datasheet
152Kb / 2P
InsulKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0190710303 MOLEX4-0190710303 Datasheet
152Kb / 2P
InsulKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0190710313 MOLEX4-0190710313 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710312 MOLEX4-0190710312 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710305 MOLEX4-0190710305 Datasheet
152Kb / 2P
InsulKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0190710283 MOLEX4-0190710283 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com