Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G-675-14X Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # G-675-14X
Description  InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

G-675-14X Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  G-675-14X Datasheet HTML 1Page - Molex Electronics Ltd. G-675-14X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710281
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 2 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
1/4" (M6)
Wire Insulation Diameter
16.50mm (.650") max.
Wire Size AWG
2
Material Info
Old Part Number
G-675-14X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19071-005
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890010
Hand Crimp Tool
0640013900
Putt Pump Dieless
Head System
0192860065
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - G-675-14X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
G-675-10X MOLEX4-G-675-10X Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
More results

Similar Description - G-675-14X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710272 MOLEX4-0190710272 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710166 MOLEX4-0190710166 Datasheet
172Kb / 2P
InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710279 MOLEX4-0190710279 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710285 MOLEX4-0190710285 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710311 MOLEX4-0190710311 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710314 MOLEX4-0190710314 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710313 MOLEX4-0190710313 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710312 MOLEX4-0190710312 Datasheet
257Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0190710283 MOLEX4-0190710283 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
0190710273 MOLEX4-0190710273 Datasheet
155Kb / 2P
InsulKrimp??Ring Tongue Terminal for 2 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com