Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0191640032 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191640032
Description  Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191640032 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191640032 Datasheet HTML 1Page - Molex Electronics Ltd. 0191640032 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640032
Status:
Active
Description:
Perma-Seal™ Ring Tongue Terminal for 14-16 AWG Wire, Stud 6
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Perma-Seal™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
NiAc™
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
6 (M3.5)
Wire Insulation Diameter
5.97mm (.235")
Wire Size AWG
14, 16
Wire Size mm²
1.23 - 1.94
Material Info
Old Part Number
SB-237-06
Reference - Drawing Numbers
Sales Drawing
SD-19164-026
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
Hand Crimp Tool, UL
Approved
0640017400
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0191640032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640030 MOLEX4-0191640030 Datasheet
88Kb / 2P
Perma-Seal??Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0191640033 MOLEX4-0191640033 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0191640034 MOLEX4-0191640034 Datasheet
104Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
More results

Similar Description - 0191640032

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640310 MOLEX4-0191640310 Datasheet
109Kb / 3P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
0191640311 MOLEX4-0191640311 Datasheet
109Kb / 3P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire
0191640034 MOLEX4-0191640034 Datasheet
104Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0191640033 MOLEX4-0191640033 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 8
0191640027 MOLEX4-0191640027 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 5/16
0191640141 MOLEX4-0191640141 Datasheet
78Kb / 2P
Perma-Seal??Hook Tongue Terminal for 14-16 AWG Wire, Stud Size 6
0191640026 MOLEX4-0191640026 Datasheet
104Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 1/4
0191640020 MOLEX4-0191640020 Datasheet
108Kb / 2P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 3/8
0191640085 MOLEX4-0191640085 Datasheet
101Kb / 2P
Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0191640307 MOLEX4-0191640307 Datasheet
109Kb / 3P
Perma-Seal??Ring Tongue Terminal for 14-16 AWG Wire, Stud 3/8, Mylar TapeCarrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com