Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190360009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 190360009
Description  Avikrimp??Snap Plug, for 14-16 AWG Wire, Box, 22.78mm (.897") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190360009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  190360009 Datasheet HTML 1Page - Molex Electronics Ltd. 190360009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190360008
Status:
Active
Description:
Avikrimp™ Snap Plug, for 14-16 AWG Wire, Box, 22.78mm (.897") Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19036
Comments
Extruded Nylon Insulation
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Snap Plug
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Copper
Orientation
Straight
Packaging Type
Bag
Tab Thickness
N/A
Tab Width
N/A
Wire Insulation Diameter
4.30mm (.170") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
B-889
Reference - Drawing Numbers
Sales Drawing
SD-19036-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19036Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 190360009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190360001 MOLEX4-190360001 Datasheet
126Kb / 2P
Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 24.31mm (.957") Length
190360002 MOLEX4-190360002 Datasheet
126Kb / 2P
Avikrimp??Snap Plug, for 18-22 AWG Wire, Mylar Tape, 24.31mm (.957") Length
190360003 MOLEX4-190360003 Datasheet
126Kb / 2P
Avikrimp??Snap Plug, for 18-22 AWG Wire, Box, 22.78mm (.897") Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com