Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ1N Datasheet(PDF) 3 Page - Rohm

Part # UMZ1N
Description  General purpose transistor (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ1N Datasheet(HTML) 3 Page - Rohm

  UMZ1N Datasheet HTML 1Page - Rohm UMZ1N Datasheet HTML 2Page - Rohm UMZ1N Datasheet HTML 3Page - Rohm UMZ1N Datasheet HTML 4Page - Rohm UMZ1N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMZ1 / UMZ1N / IMZ1A
Transistors
Rev.A
3/4
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.4
DC current gain vs. collector
current ( I )
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25˚C
−55˚C
Ta=100˚C
VCE
=5V
COLLECTOR CURRENT : IC
(mA)
Fig.5
DC current gain vs. collector
current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=50
20
10
Ta=25˚C
COLLECTOR CURRENT : IC
(mA)
Fig.6 Collector-emitter saturation
voltage vs. collector current ( I )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC/IB=10
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.7
Collector-emitter saturation
voltage vs. collector current ( II )
0.2
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100
IC/IB=50
Ta=100˚C
25˚C
−55˚C
COLLECTOR CURRENT : IC
(mA)
Fig.8
Collector-emitter saturation
voltage vs. collector current ( III )
50
−0.5 −1
−2
−5
−10 −20
−50 −100
100
200
500
Ta=25˚C
VCE
=6V
EMITTER CURRENT : IE
(mA)
Fig.9 Gain bandwidth product vs.
emitter current
0.2
0.5
1
2
5
10
20
50
1
2
5
10
20
Cib
Cob
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.10 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
Ta=25˚C
f
=1MHz
IE
=0A
IC
=0A
−0.2
−0.5
−1
−2
−5
−10
10
20
50
100
200
EMITTER CURRENT : IE
(mA)
Fig.11 Base-collector time constant vs.
emitter current
Ta=25
˚C
f=32MHZ
VCB=6V


Similar Part No. - UMZ1N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
Silicon Epitaxial Planar
logo
Micro Commercial Compon...
UMZ1N MCC-UMZ1N Datasheet
493Kb / 5P
Dual Transistors
logo
Unisonic Technologies
UMZ1N UTC-UMZ1N Datasheet
95Kb / 3P
GENERAL PURPOSE TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
UMZ1N WINNERJOIN-UMZ1N Datasheet
131Kb / 1P
Multi-Chip TRANSISTOR
logo
Jiangsu Changjiang Elec...
UMZ1N JIANGSU-UMZ1N Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNPNP)
More results

Similar Description - UMZ1N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
General purpose transistor(dual transistors)
IMZ4 ROHM-IMZ4 Datasheet
94Kb / 5P
General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com