Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 1 Page - Rohm

Part # 2N3904
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2N3904 Datasheet(HTML) 1 Page - Rohm

  2N3904 Datasheet HTML 1Page - Rohm 2N3904 Datasheet HTML 2Page - Rohm 2N3904 Datasheet HTML 3Page - Rohm 2N3904 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UMT3904 / SST3904 / MMST3904 / 2N3904
Transistors
NPN General Purpose Transistor
UMT3904 / SST3904 / MMST3904 / 2N3904
!
!
!
!Features
1) BVCEO > 40V (IC = 1mA)
2) Complements the UMT3906 / SST3906 / MMST3906
/ 2N3906.
!
!
!
!Package, marking and packaging specifications
Part No.
Packaging type
Marking
Code
Basic ordering unit
(pieces)
UMT3904
UMT3
R1A
T106
3000
SST3904
SST3
R1A
T116
3000
MMST3904
SMT3
R1A
T146
3000
TO-92
-
T93
3000
2N3904
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
2N3904
Parameter
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
IC
Tj
Tstg
Limits
60
40
6
0.2
0.35
150
−55~+150
Unit
V
V
V
A
W
W
W
PC
0.2
0.625
*
°C
°C
* When mounted on a 7 x 5 x 0.6 mm ceramic board.
SST3904, MMST3904
UMT3904,
SST3904,
MMST3904
!
!
!
!External dimensions
(Units : mm)
UMT3904
SST3904
MMST3904
2N3904
0~0.1
0.2Min.
0.95
0.45±0.1
0.15
0.4
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
0~0.1
1.1
0.8±0.1
0.15
0.4
2.9±0.2
1.9±0.2
0.95 0.95
−0.1
+0.2
+0.1
−0.06
+0.1
−0.05
(2)
(1)
(3)
0~0.1
(2)
(1)
(3)
0.9±0.1
0.2
0.7±0.1
0.15±0.05
0.3
2.0±0.2
1.3±0.1
0.65 0.65
+0.1
−0
4.8±0.2
3.7±0.2
5
0.45±0.1
2.3
0.5 +0.15
−0.05
2.5 +0.3
−0.1
(1)
(2)
(3)
All terminals have same dimensions
All terminals have same dimensions
All terminals have same dimensions
ROHM : UMT3
EIAJ : SC-70
(1) Emitter
(2) Base
(3) Collector
ROHM : SST3
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
ROHM : TO-92
EIAJ : SC-43
(1) Emitter
(2) Base
(3) Collector
!
!
!
!Electrical characteristics
(Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
BVCBO
BVCEO
BVEBO
ICES
IEBO
60
40
6
-
-
-
-
-
-
-
-
-
-
50
50
V
V
V
nA
nA
IC = 10
µA
IC = 1mA
IE = 10
µA
VCB = 30V
VEB = 3V
-
-
0.95
Base-emitter saturation voltage
VBE(sat)
0.65
-
0.85
V
-
-
0.3
IC/IB = 50mA/5mA
Collector-emitter saturation voltage
VCE(sat)
-
-
0.2
V
IC/IB = 10mA/1mA
IC/IB = 50mA/5mA
IC/IB = 10mA/1mA
30
-
-
60
-
-
DC current transfer ratio
hFE
100
-
300
-
70
-
-
40
-
-
VCE = 1V , IC = 0.1mA
VCE = 1V , IC = 1mA
VCE = 1V , IC = 10mA
VCE = 1V , IC = 50mA
VCE = 1V , IC = 100mA
Transition frequency
Collector output capacitance
fT
Cob
300
-
-
-
-
4
MHz
pF
VCE = 20V , IE =
−10mA, f = 100MHz
VCB = 10V , f = 100kHz
Emitter input capacitance
Cib
-
-
8
pF
VEB = 0.5V , f = 100kHz
Delay time
td
-
-
35
ns
VCC = 3V , VBE(OFF) = 0.5V , IC = 10mA , IB1 = 1mA
VCC = 3V , VBE(OFF) = 0.5V , IC = 10mA , IB1 = 1mA
Rise time
tr
-
-
35
ns
Storage time
tstg
-
-
200
ns
VCC = 3V , IC = 10mA , IB1 =
−IB2 = 1mA
VCC = 3V , IC = 10mA , IB1 =
−IB2 = 1mA
Fall time
tf
-
-
50
ns
~


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com